データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU1521GVW データシート(PDF) 8 Page - Rohm

部品番号 BU1521GVW
部品情報  For portable image equipment Upscaler IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU1521GVW データシート(HTML) 8 Page - Rohm

Back Button BU1521GVW Datasheet HTML 4Page - Rohm BU1521GVW Datasheet HTML 5Page - Rohm BU1521GVW Datasheet HTML 6Page - Rohm BU1521GVW Datasheet HTML 7Page - Rohm BU1521GVW Datasheet HTML 8Page - Rohm BU1521GVW Datasheet HTML 9Page - Rohm BU1521GVW Datasheet HTML 10Page - Rohm BU1521GVW Datasheet HTML 11Page - Rohm BU1521GVW Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
BU1521GVW
Technical Note
8/15
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Functions Discpriction
1.
Input format
The following is the input format for BU1521GVW
480i or 576i(ITUR BT656) YCbCr 4:2:2 8bit(ITUR BT601) Digital Interface
Table. 9 Input format
Format
Data
bit width
Pixel
clock (MHz)
Size including
blank (HxV)
Active
Size (HxV)
Standard
480/59.94i
8
27
858x525
720x(244/243)
ITUR BT656-4
576/50i
8
27
864x625
720x(288/288)
SYS2 register (0 × 12) setting allows applying whether Y data and CbCr data to be assigned to lower DI [7:0] or upper DI [15:8].
2.
Output format
The following is the output format for BU1521GVW:
480i or 576i(ITUR BT656) YCbCr 4:2:2 8bit (ITUR BT601)Digital Interface
480p or 576p(ITUR BT1358) YCbCr 4:2:2 16bit(ITUR BT601) Digital Interface
1080/59.94i(SMPTE 274) YCbCr 4:2:2 16bit(ITUR BT601) Digital Interface
1080/50i(SMPTE 274) YCbCr 4:2:2 16bit(ITUR BT601) Digital Interface
1080/59.94p(SMPTE 274) YCbCr 4:2:2 16bit(ITUR BT601) Digital Interface
1080/50p(SMPTE 274) YCbCr 4:2:2 16bit(ITUR BT601) Digital Interface
Table. 10 Output format
Format
Data
bit width
Pixel
Clock
Frequency
(MHz)
Blanking
Size including
Line (HxV)
Active Image
Size (HxV)
Standard
480/59.94i
8
27
858x525
720x(244/243)
ITUR BT656-4
576/50i
8
27
864x625
720x(288/288)
480/59.94p
16
27
858x525
720x483
ITUR BT1358
SMPTE 293M
576/50p
16
27
864x625
720x576
1080/59.94i
16
74.25/1.001
2200x1125
1920x1080
SMPTE 274
1080/50i
16
74.25
2640x1125
1920x1080
1080/59.94p
16
148.5/1.001
2200x1125
1920x1080
1080/50p
16
148.5
2640x1125
1920x1080
Input Data
(DI7-DI0)
EAV
SAV
480(I),576(I)
CLKIN[27MHz]
SAV
EAV
720Pixels(Y=720,Cb/Cr=360)
[1440Clocks]
Blanking
480(I)=276Clocks
576(I)=288Clocks
Clock/Line
480(I)=1716Clock
576(I)=1728Clock


同様の部品番号 - BU1521GVW

メーカー部品番号データシート部品情報
logo
Rohm
BU1523KV ROHM-BU1523KV Datasheet
406Kb / 23P
   Image Correction IC for Panel
BU1523KV-E2 ROHM-BU1523KV-E2 Datasheet
406Kb / 23P
   Image Correction IC for Panel
More results

同様の説明 - BU1521GVW

メーカー部品番号データシート部品情報
logo
Rohm
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Panasonic Semiconductor
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
   Headphone amplifier IC for portable equipment
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
   Headphone amplifier IC for portable equipment
logo
Sanyo Semicon Device
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LV24100LP SANYO-LV24100LP Datasheet
199Kb / 18P
   Bi-CMOS IC FM and AM Tuner IC for Small Portable Equipment
logo
Active-Semi, Inc
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
111Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
111Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8780 ACTIVE-SEMI-ACT8780 Datasheet
107Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8740 ACTIVE-SEMI-ACT8740_08 Datasheet
716Kb / 40P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev PrB, 25-Feb-08
ACT8706 ACTIVE-SEMI-ACT8706 Datasheet
92Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com