データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU16027KV データシート(PDF) 10 Page - Rohm

部品番号 BU16027KV
部品情報  2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU16027KV データシート(HTML) 10 Page - Rohm

Back Button BU16027KV Datasheet HTML 6Page - Rohm BU16027KV Datasheet HTML 7Page - Rohm BU16027KV Datasheet HTML 8Page - Rohm BU16027KV Datasheet HTML 9Page - Rohm BU16027KV Datasheet HTML 10Page - Rohm BU16027KV Datasheet HTML 11Page - Rohm BU16027KV Datasheet HTML 12Page - Rohm BU16027KV Datasheet HTML 13Page - Rohm BU16027KV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Technical Note
10/18
BU16006KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN.
TYP.
(1)
MAX.
DDC Input and output
Tx
VIH
High-level input voltage
2.1
-
5.5
V
VIL
Low-level input voltage
-0.3
-
0.35
V
IlKT
Input leak current,
VI=5.5V
-10
-
10
uA
IlKT
Input leak current,
VI=Vcc
-10
-
10
uA
IOHT
High-level output current
VO=3.6V
-10
-
10
uA
IILT
Low-level input current
VIL=GND
-10
-
10
uA
VOLT
Low-level output voltage
RL=4.7kΩ
0.43
0.5
0.57
V
VOLT-VIL
Low-level input voltage below
output low-level voltage
20
100
190
mV
VIH
High_level input voltage
2.4
-
5.5
V
VIL
Low-level input voltage
-0.3
-
0.8
V
IlKR
Input leak current
VI=5.5V
-10
-
10
uA
IlKR
Input leak current
VI=Vcc
-10
-
10
uA
IOHR
High-level output current
VO=3.6V
-10
-
10
uA
IILR
Low-level input current
VIL=GND
-10
-
10
uA
VOLR
Low-level output voltage
Iout = 4mA
-
-
0.2
V
STATUS PINS
(HPD 1, HPD 2,)
VOH(TTL)
TTL High –level output voltage
IOH = -8mA
2.4
-
Vcc
V
VOL(TTL)
TTL Low –level output voltage
IOL = 8mA
0
-
0.4
V
CONTROL PINS
(S1, S2 )
IIH
High –level digital input current
VIH = Vcc
-10
-
10
uA
IIL
Low –level digital input current
VIL = GND
-10
-
10
uA
STATUS PINS (HPD_SINK)
IIH
High –level digital input current
VIH = 5.5V
10
50
100
uA
VIH = Vcc
5
30
80
uA
IIL
Low –level digital input current
VIL = GND
-10
-
10
uA
SYMBOL


同様の部品番号 - BU16027KV

メーカー部品番号データシート部品情報
logo
Rohm
BU16027KV ROHM-BU16027KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16027KV ROHM-BU16027KV Datasheet
557Kb / 20P
   HDMI Switch ICs
BU16027KV-E2 ROHM-BU16027KV-E2 Datasheet
557Kb / 20P
   HDMI Switch ICs
More results

同様の説明 - BU16027KV

メーカー部品番号データシート部品情報
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16025MUV ROHM-BU16025MUV_11 Datasheet
427Kb / 17P
   1 for input 1 output buffer (Sync with OE)
logo
New Japan Radio
NJM2524 NJRC-NJM2524 Datasheet
131Kb / 4P
   2 INPUT 1 OUTPUT 3ch VIDEO SWITCH with ISOLATION AMP
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2520 NJRC-NJM2520 Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
logo
Integrated Circuit Syst...
ICS854057 ICST-ICS854057 Datasheet
256Kb / 13P
   4:1 OR 2:1 LVDS CLOCK MULTIPLEXER WITH INTERNAL INPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com