データシートサーチシステム |
|
LC120A データシート(PDF) 4 Page - Microsemi Corporation |
|
LC120A データシート(HTML) 4 Page - Microsemi Corporation |
4 / 4 page 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 4 Copyright © 2008 10-29-2008 REV E S C O T TS DALE DIVISION LC6.5 thru LC170A, e3 SCHEMATIC APPLICATIONS The TVS low capacitance device configuration is shown in Figure 2. As a further option for unidirectional applications, an additional low capacitance rectifier diode may be used in parallel in the same polarity direction as the TVS as shown in Figure 3. In applications where random high voltage transients occur, this will prevent reverse transients from damaging the internal low capacitance rectifier diode and also provide a low voltage conducting direction. The added rectifier diode should be of similar low capacitance and also have a higher reverse voltage rating than the TVS clamping voltage VC. The Microsemi recommended rectifier part number is the “LCR80” for the application in Figure 5. If using two (2) low capacitance TVS devices in anti-parallel for bidirectional applications, this added protective feature for both directions (including the reverse of each rectifier diode) is also provided. The unidirectional and bidirectional configurations in Figure 3 and 4 will both result in twice the capacitance of Figure 2. FIGURE 2 FIGURE 3 FIGURE 4 TVS with internal Low Optional Unidirectional Optional Bidirectional Capacitance Diode configuration (TVS and configuration (two TVS separate rectifier diode) devices in anti-parallel) in parallel) PACKAGE DIMENSIONS DO-13 (or DO-202AA) |
同様の部品番号 - LC120A |
|
同様の説明 - LC120A |