データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC5200 データシート(PDF) 3 Page - Allegro MicroSystems

部品番号 LC5200
部品情報  LED Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

LC5200 データシート(HTML) 3 Page - Allegro MicroSystems

  LC5200 Datasheet HTML 1Page - Allegro MicroSystems LC5200 Datasheet HTML 2Page - Allegro MicroSystems LC5200 Datasheet HTML 3Page - Allegro MicroSystems LC5200 Datasheet HTML 4Page - Allegro MicroSystems LC5200 Datasheet HTML 5Page - Allegro MicroSystems LC5200 Datasheet HTML 6Page - Allegro MicroSystems LC5200 Datasheet HTML 7Page - Allegro MicroSystems LC5200 Datasheet HTML 8Page - Allegro MicroSystems LC5200 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
48102.002
LED Drivers
LC5200 Series
0
0.5
1
1.5
2
0
25
50
75
100
125
150
Ambient Temperature, TA (°C)
PD = 1.73 W
RθJA = 72°C/W
Power Dissipation versus Ambient Temperature
ELECTRICAL CHARACTERISTICS Valid at TA = 25°C and VBB = 140 V, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply Voltage Input Current
IBB
Normal operation
2
mA
IBBS
At output off
0.6
1
mA
MOSFET Breakdown Voltage
VDSS
ID = 1 mA
450
V
MOSFET On-Voltage
VDS(on)
ID = 0.5 A, LC5205
3
V
ID = 1.0 A, LC5210
2.5
V
MOSFET Diode Forward Voltage
VF
ID = 0.5 A, LC5205
0.85
V
ID = 1.0 A, LC5210
0.9
V
REG Pin Output Voltage
VREG
IREG = 0 mA
11.5
12
12.5
V
REG Pin Maximum Output Current
IREG
VREG = 11.5 V
2
mA
Maximum PWM Operating Frequency
fclk
PWM frequency
200
kHz
REF Pin Input Voltage
VREF
0–1
V
REF Pin Input Current
IREF
±10
μA
SENSE Pin Voltage
VRS
VREF
– 0.03
VREF
VREF
+ 0.03
V
SENSE Pin Current
IRS
±10
μA
OCP Threshold Voltage
VOCP
Measured at SENSE pin
3
V
PWM Off-Time
TPOFF
RTOFF = 560 kΩ, CTOFF = 220 pF
21
μs
UVLO On Threshold Voltage
VUVLO(on)
For VBB
–13–
V
UVLO Off Threshold Voltage
VUVLO(off)
For VBB
–14–
V
TSD Threshold Temperature
TTSD
Main controller IC (MIC) temperature
150
°C
TSD Hysteresis Temperature
TTSDhys
–55–
°C
Switching Time
tr
ID = 0.4 A
20
ns
tf
ID = 0.4 A
50
ns


同様の部品番号 - LC5200

メーカー部品番号データシート部品情報
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
LC5200 SANKEN-LC5200 Datasheet
93Kb / 2P
   LED Driver ICs
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
   LED Driver ICs
More results

同様の説明 - LC5200

メーカー部品番号データシート部品情報
logo
XP Power Limited
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
   LED Drivers
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
   LED DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com