データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN4800IM データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FAN4800IM
部品情報  Low Start-Up Current PFC/PWM Controller Combos
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800IM データシート(HTML) 5 Page - Fairchild Semiconductor

  FAN4800IM Datasheet HTML 1Page - Fairchild Semiconductor FAN4800IM Datasheet HTML 2Page - Fairchild Semiconductor FAN4800IM Datasheet HTML 3Page - Fairchild Semiconductor FAN4800IM Datasheet HTML 4Page - Fairchild Semiconductor FAN4800IM Datasheet HTML 5Page - Fairchild Semiconductor FAN4800IM Datasheet HTML 6Page - Fairchild Semiconductor FAN4800IM Datasheet HTML 7Page - Fairchild Semiconductor FAN4800IM Datasheet HTML 8Page - Fairchild Semiconductor FAN4800IM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800 Rev. 1.0.5
5
Electrical Characteristics
Unless otherwise stated, these specifications apply: VCC = 15V, RT = 52.3KΩ, CT = 470pF, TA = -40°C to 125°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VOLTAGE ERROR AMPLIFIER
VFB
Input Voltage Range(1)
0
6
V
gm1
Transconductance
50
70
90
µmho
Vref(PFC)
Feedback Reference Voltage
TA = 25°C
2.45
2.50
2.55
V
Ib(VEAO)
Input Bias Current(2)
-1.00
-0.05
mA
VEAO(H)
Output High-Voltage
5.8
6.0
V
VEAO(L)
Output Low-Voltage
0.1
0.4
V
Isink(V)
Sink Current
TA = 25°C, VFB = 3V
VEAO = 6.0V
-35
-20
µA
Isource(V)
Source Current
TA = 25°C, VFB = 1.5V
VEAO = 1.5V
30
40
µA
GV
Open Loop Gain(1)(3)
50
60
dB
PSRR1
Power Supply Rejection Ratio(1)
11V < VCC < 16.5V
50
60
dB
CURRENT ERROR AMPLIFIER
VIEAO
Input Voltage Range(1)
-1.5
0.7
V
gm2
Transconductance
50
85
100
µmho
Voffset
Input Offset Voltage
TA = 25°C
25
mV
Ibeao
Input Bias Current(1)
-1
µA
IEAO(H)
Output High-Voltage
4.00
4.25
V
IEAO(L)
Output Low-Voltage
1.0
1.2
V
Isink(I)
Sink Current
ISENSE = +0.5, IEAO = 4.0V
-65
-35
µA
Isource(I)
Source Current
ISENSE = -0.5, IEAO = 1.5V
35
75
µA
Gi
Open Loop Gain(1)
60
70
dB
PSRR2
Power Supply Rejection Ratio(1)
11V < VCC < 16.5V
60
75
dB
PFC OVP COMPARATOR
Vovp
Threshold Voltage
TA = 25°C
2.70
2.78
2.90
V
HY(ovp)
Hysteresis
TA = 25°C
230
350
mV
LOW-POWER DETECT COMPARATOR
Vth(lp)
Threshold Voltage
TA = 25°C
0.15
0.30
0.40
V
VCC OVP COMPARATOR
VCC_OVP
Threshold Voltage
TA = 25°C
17.5
17.9
18.5
V
HY(VCC_OVP) Hysteresis
TA = 25°C
1.40
1.50
1.65
V
TRI-FAULT DETECT
td(F)
Time to Fault Detect HIGH(1)
VFB = VFault Detect LOW to
VFB = Open. 470pF from VFB
to GND
2
4
ms
F(L)
Fault Detect LOW
0.4
0.5
0.6
V


同様の部品番号 - FAN4800IM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN4800IM FAIRCHILD-FAN4800IM Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
FAN4800IMX FAIRCHILD-FAN4800IMX Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
More results

同様の説明 - FAN4800IM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_06 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
List of Unclassifed Man...
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
   LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
   Current Mode PWM Controller Low Start-Up and Operating Current
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
   ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
Semtech Corporation
SC4911 SEMTECH-SC4911 Datasheet
217Kb / 14P
   Bias/Primary Side PWM Controller with Ultra Low Start-up Current
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_10 Datasheet
411Kb / 19P
   Low Startup Current PFC/PWM Controller Combinations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com