データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N138VM データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 6N138VM
部品情報  Low Input Current High Gain Split Darlington Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N138VM データシート(HTML) 2 Page - Fairchild Semiconductor

  6N138VM Datasheet HTML 1Page - Fairchild Semiconductor 6N138VM Datasheet HTML 2Page - Fairchild Semiconductor 6N138VM Datasheet HTML 3Page - Fairchild Semiconductor 6N138VM Datasheet HTML 4Page - Fairchild Semiconductor 6N138VM Datasheet HTML 5Page - Fairchild Semiconductor 6N138VM Datasheet HTML 6Page - Fairchild Semiconductor 6N138VM Datasheet HTML 7Page - Fairchild Semiconductor 6N138VM Datasheet HTML 8Page - Fairchild Semiconductor 6N138VM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note:
1. No derating required for devices operated within the TOPR specification (6N138 and 6N139 only). HCPL2730 and
HCPL2731 derating TBD.
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +100
°C
TSOL
Lead Solder Temperature (Wave solder only. See recommended
reflow profile graph on page 13 for SMD mounting)
260 for 10 sec
°C
EMITTER
IF (avg)
DC/Average Forward Input Current
Each Channel
20
mA
IF (pk)
Peak Forward Input Current
(50% duty cycle, 1 ms P.W.)
Each Channel
40
mA
IF (trans) Peak Transient Input Current – (≤1µs P.W., 300 pps)
1.0
A
VR
Reverse Input Voltage
Each Channel
5
V
PD
Input Power Dissipation(1)
Each Channel
35
mW
DETECTOR
IO (avg)
Average Output Current
Each Channel
60
mA
VER
Emitter-Base Reverse Voltage
6N138M and 6N139M
0.5
V
VCC, VO
Supply Voltage, Output Voltage
6N138M and HCPL2730M
-0.5 to 7
V
6N139M and HCPL2731M
-0.5 to 18
PO
Output Power Dissipation(1)
Each Channel
100
mW


同様の部品番号 - 6N138VM

メーカー部品番号データシート部品情報
logo
CT Micro International ...
6N138VM CTMICRO-6N138VM Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
6N138VMT1 CTMICRO-6N138VMT1 Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
6N138VMT2 CTMICRO-6N138VMT2 Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
More results

同様の説明 - 6N138VM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com