データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN6862LTY データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FAN6862LTY
部品情報  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6862LTY データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN6862LTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 9Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 10Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 11Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 12Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 13Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 14Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6862R/L • Rev. 1.0.0
11
Protections
Self-protective functions include VDD Over-Voltage
Protection (OVP), Open-Loop / Overload Protection
(OLP), Over-Current Protection (OCP), Short-Circuit
Protection, and Over-Temperature Protection (OTP).
FAN6862R uses auto-restart mode protections and
FAN6862L uses latch-mode protections.
Auto-Restart Mode Protection: Once a fault condition
is detected, switching is terminated and the MOSFET
remains off. This causes VDD to fall because no more
power is delivered from auxiliary winding. When VDD
falls to VDD-OFF (8.5V), the protection is reset and the
operating current reduces to startup current, which
causes VDD to rise. FAN6862R resumes normal
operation when VDD reaches VDD-ON (16V). In this
manner, the auto-restart can alternately enable and
disable the switching of the MOSFET until the fault
condition is eliminated (see Figure 25).
Latch-Mode Protection: Once this protection is
triggered, switching is terminated and the MOSFET
remains off. The latch is reset only when VDD is
discharged below 4V by unplugging AC power line.
Fault
Situation
8.5V
16V
VDD
VDS
Protection Triggers
Fault Removed
Normal
Operation
Normal
Operation
Power
On
Operating Current
3mA
8uA
Figure 25. Auto-Restart Operation
Over-Current Protection (OCP)
FAN6862R/L has over-current protection thresholds. It
is for pulse-by-pulse current limit, which turns off the
MOSFET for the remainder of the switching cycle when
the sensing voltage of MOSFET drain current reaches
the threshold. The other threshold is for the over-current
protection, which shuts down the MOSFET gate when
the sensing voltage of MOSFET drain current is above
the threshold longer than the shutdown delay (56ms).
Open-Loop / Overload Protection (OLP)
When the upper branch of the voltage divider for the
shunt regulator (KA431 shown) is broken, as shown in
Figure 26, no current flows through the opto-coupler
transistor, which pulls up the feedback voltage to 5.2V.
When the feedback voltage is above 4.6V longer than
56ms, OLP is triggered. This protection is also triggered
when the SMPS output drops below the nominal value
longer than 56ms due to the overload condition.
5.2V
VFB-OLP
OLP Shutdown Delay Time
OLP Triggers
VFB
(4.6V)
Figure 26. OLP Operation
VDD Over-Voltage Protection (OVP)
VDD over-voltage protection prevents IC damage caused
by over voltage on the VDD pin. The OVP is triggered
when VDD reaches 25V. A debounce time (typically
30µs) prevents false triggering by switching noise.
Over-Temperature Protection (OTP)
The OTP circuit is composed of current source and
voltage comparators. Typically, an NTC thermistor is
connected between the RT and GND pins. Once the
voltage of this pin drops below a threshold of 1.02V,
PWM output is disabled after tDOTP debounce time. If
this pin drops below 0.7V, it triggers the latch-off
protection immediately after tDOTP2 debounce time.


同様の部品番号 - FAN6862LTY

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN6862 FAIRCHILD-FAN6862 Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862 FAIRCHILD-FAN6862 Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862NY FAIRCHILD-FAN6862NY Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862TY FAIRCHILD-FAN6862TY Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862TY FAIRCHILD-FAN6862TY Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

同様の説明 - FAN6862LTY

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com