データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS8949 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FDS8949
部品情報  Dual N-Channel Logic Level PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8949 データシート(HTML) 4 Page - Fairchild Semiconductor

  FDS8949 Datasheet HTML 1Page - Fairchild Semiconductor FDS8949 Datasheet HTML 2Page - Fairchild Semiconductor FDS8949 Datasheet HTML 3Page - Fairchild Semiconductor FDS8949 Datasheet HTML 4Page - Fairchild Semiconductor FDS8949 Datasheet HTML 5Page - Fairchild Semiconductor FDS8949 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDS8949
_F085 Rev. A
www.fairchildsemi.com
4
Figure 7.
048
12
16
0
2
4
6
8
10
VDD = 30V
VDD = 10V
Qg, GATE CHARGE(nC)
VDD = 20V
Gate Charge Characteristics
Figure 8.
0.1
1
10
10
1
10
2
10
3
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
40
Capacitance vs Drain to Source Voltage
Figure 9.
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
0.1
1
10
TJ = 25oC
TJ = 125oC
t
AV, TIME IN AVALANCHE(ms)
Unclamped Inductive Switching
Capability
Figure 10.
25
50
75
100
125
150
0
1
2
3
4
5
6
7
RθJA = 81
o
C/W
TA, Ambient TEMPERATURE (oC)
VGS = 4.5V
VGS = 10V
Maximum Continuous Drain Current vs
Ambient Temperature
Figure 11.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
300
DC
10s
1s
100ms
10ms
1ms
100us
LIMITED BY
PACKAGE
SINGLE PULSE
TJ = MAX RATED
TA = 25oC
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(on)
VDS, DRAIN-SOURCE VOLTAGE (V)
Forward Bias Safe Operating Area
Figure 12. Single Pulse Maximum Power
Dissipation
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1
10
100
0.7
V
GS = 10V
SINGLE PULSE
t, PULSE WIDTH (s)
SINGLE PULSE
RθJA = 135°C/W
TA = 25°C
Typical Characteristics T
J = 25°C unless otherwise noted


同様の部品番号 - FDS8949

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS8949 FAIRCHILD-FDS8949 Datasheet
342Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDS8949-NL VBSEMI-FDS8949-NL Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Fairchild Semiconductor
FDS8949_F085 FAIRCHILD-FDS8949_F085 Datasheet
544Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
More results

同様の説明 - FDS8949

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6930B FAIRCHILD-FDS6930B_10 Datasheet
199Kb / 5P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDC5661N_F085 FAIRCHILD-FDC5661N_F085 Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD9407L-F085 ONSEMI-FDD9407L-F085 Datasheet
545Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDMS9411L-F085 ONSEMI-FDMS9411L-F085 Datasheet
466Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860_08 Datasheet
343Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8832_F085 FAIRCHILD-FDB8832_F085 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8860_F085 FAIRCHILD-FDB8860_F085 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDD24AN06L_F085 FAIRCHILD-FDD24AN06L_F085 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDB9403L-F085 ONSEMI-FDB9403L-F085 Datasheet
537Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com