データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS9431A データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FDS9431A
部品情報  P-Channel 2.5V Specified MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS9431A データシート(HTML) 1 Page - Fairchild Semiconductor

  FDS9431A Datasheet HTML 1Page - Fairchild Semiconductor FDS9431A Datasheet HTML 2Page - Fairchild Semiconductor FDS9431A Datasheet HTML 3Page - Fairchild Semiconductor FDS9431A Datasheet HTML 4Page - Fairchild Semiconductor FDS9431A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
-3.5 A, -20 V. R
DS(ON) = 0.130 Ω @ VGS = -4.5 V
R
DS(ON) = 0.180 Ω @ VGS =
-2.5 V.
Fast switching speed.
High density cell design for extremely low R
DS(ON).
High power and current handling capability.
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
-20
V
VGSS
Gate-Source Voltage
±8
V
ID
Drain Current
- Continuous
(Note 1a)
-3.5
A
- Pulsed
-18
Power Dissipation for Single Operation
(Note 1a)
2.5
(Note 1b)
1.2
PD
(Note 1c)
1.0
W
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
RqJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RqJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS9431A
FDS9431A_F085
13’’
12mm
2500 units
FDS9431A_F085
P-Channel 2.5V Specified MOSFET
General Description
This P-Channel 2.5V specified MOSFET is produced
using Fairchild's proprietary, high cell density, DMOS
technology. This very high density process has been
especially tailored to minimize on-state resistance and
yet maintain superior switching performance.
Applications
DC/DC converter
Power management
Load switch
Battery protection
S
D
S
S
SO-8
D
D
D
G
5
6
8
3
1
7
4
2
©20
10 Fairchild Semiconductor Corporation
FDS
9431A_F085 Rev. A
www.fairchildsemi.com
1
Qualified to AEC Q101
RoHS Compliant
tm
February 2010


同様の部品番号 - FDS9431A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS9431A FAIRCHILD-FDS9431A Datasheet
204Kb / 8P
   P-Channel 2.5V Specified MOSFET
More results

同様の説明 - FDS9431A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS9431A FAIRCHILD-FDS9431A Datasheet
204Kb / 8P
   P-Channel 2.5V Specified MOSFET
FDR836P FAIRCHILD-FDR836P Datasheet
224Kb / 8P
   P-Channel 2.5V Specified MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com