データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM431SAI データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 LM431SAI
部品情報  Programmable Shunt Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM431SAI データシート(HTML) 1 Page - Fairchild Semiconductor

  LM431SAI Datasheet HTML 1Page - Fairchild Semiconductor LM431SAI Datasheet HTML 2Page - Fairchild Semiconductor LM431SAI Datasheet HTML 3Page - Fairchild Semiconductor LM431SAI Datasheet HTML 4Page - Fairchild Semiconductor LM431SAI Datasheet HTML 5Page - Fairchild Semiconductor LM431SAI Datasheet HTML 6Page - Fairchild Semiconductor LM431SAI Datasheet HTML 7Page - Fairchild Semiconductor LM431SAI Datasheet HTML 8Page - Fairchild Semiconductor LM431SAI Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Programmable Output Voltage to 36 Volts
• Low Dynamic Output Impedance 0.20 Typical
• Sink Current Capability of 1.0 to 100mA
• Equivalent Full-Range Temperature Coefficient of
50ppm/
°C Typical
• Temperature Compensated for Operation Over Full Rated
Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn-on Response
Description
The LM431SAI is three terminal output adjustable regulator
with thermal stability over operating temperature range from
-40
°C to +85°C. The output voltage can be set any value
between VREF (approximately 2.5 volts) and 36 volts with
two external resistors. This device has a typical dynamic out-
put impedance of 0.2
Ω Active output circuit provides a
sharp turn-on characteristic, making this device excellent
replacement for Zener Diodes in many applications.
SOT-23F
1
2
3
1. Cathode 2. Ref 3. Anode
Internal Block Diagram
+
-
LM431SAI
Programmable Shunt Regulator


同様の部品番号 - LM431SAI

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM431SAIMFX ONSEMI-LM431SAIMFX Datasheet
260Kb / 12P
   Programmable Shunt Regulator
July, 2018 ??Rev. 8
More results

同様の説明 - LM431SAI

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com