データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU3071HFV データシート(PDF) 10 Page - Rohm

部品番号 BU3071HFV
部品情報  Compact 1ch Clock Generators for Digital Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU3071HFV データシート(HTML) 10 Page - Rohm

Back Button BU3071HFV Datasheet HTML 6Page - Rohm BU3071HFV Datasheet HTML 7Page - Rohm BU3071HFV Datasheet HTML 8Page - Rohm BU3071HFV Datasheet HTML 9Page - Rohm BU3071HFV Datasheet HTML 10Page - Rohm BU3071HFV Datasheet HTML 11Page - Rohm BU3071HFV Datasheet HTML 12Page - Rohm BU3071HFV Datasheet HTML 13Page - Rohm BU3071HFV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10/20
Reference data (BU3073HFV Temperature and Supply voltage variations data)
Fig.57 24.5454MHz
Period-Jitter 1σ temperature characteristics
Fig.56 24.5454MHz
Fall-time temperature characteristics
Fig.55 24.5454MHz
Rise-time temperature characteristics
Fig.54 24.5454MHz
Duty temperature characteristics
Fig.53 24.375MHz
Jitter-MinMax temperature characteristics
Fig.52 24.375MHz
Period-Jitter 1σ temperature characteristics
Fig.51 24.375MHz
Fall-time temperature characteristics
Fig.50 24.375MHz
Rise-time temperature characteristics
Fig.49 24.375MHz
Duty temperature characteristics
Fig.58 24.5454MHz
Jitter-MinMax temperature characteristics
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
temperature:T [℃]
VDD=3.7V
VDD=2.9V
VDD=3.3V
0
1
2
3
4
5
-25
0
25
50
75
100
temperature:T [℃]
VDD=3.7V
VDD=2.9V
VDD=3.3V
0
1
2
3
4
5
-25
0
25
50
75
100
temperature:T [℃]
VDD=3.7V
VDD=2.9V
VDD=3.3V
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
temperature:T [℃]
VDD=3.7V
VDD=2.9V
VDD=3.3V
0
100
200
300
400
500
600
-25
0
25
50
75
100
temperature:T [℃]
VDD=3.7V
VDD=2.9V
VDD=3.3V
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
temperature:T [℃]
VDD=3.7V
VDD=2.9V
VDD=3.3V
0
1
2
3
4
5
-25
0
25
50
75
100
temperature:T [℃]
VDD=3.7V
VDD=2.9V
VDD=3.3V
0
1
2
3
4
5
-25
0
25
50
75
100
temperature:T [℃]
VDD=3.7V
VDD=2.9V
VDD=3.3V
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
temperature:T [℃]
VDD=3.7V
VDD=2.9V
VDD=3.3V
0
100
200
300
400
500
600
-25
0
25
50
75
100
temperature:T [℃]
VDD=3.7V
VDD=2.9V
VDD=3.3V


同様の部品番号 - BU3071HFV

メーカー部品番号データシート部品情報
logo
Rohm
BU3071HFV ROHM-BU3071HFV Datasheet
239Kb / 6P
   Clock Generator
More results

同様の説明 - BU3071HFV

メーカー部品番号データシート部品情報
logo
Rohm
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
Connor-Winfield Corpora...
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com