データシートサーチシステム |
|
BU4052BCFV-E2 データシート(PDF) 1 Page - Rohm |
|
BU4052BCFV-E2 データシート(HTML) 1 Page - Rohm |
1 / 18 page 1/17 www.rohm.com 2009.06 - Rev.A © 2009 ROHM Co., Ltd. All rights reserved. General-purpose CMOS Logic IC Series (BU4S,BU4000B Series) High Voltage CMOS Logic ICs <Analog Switch> BU4066BC,BU4066BCF,BU4066BCFV,BU4051BC, BU4051BCF,BU4051BCFV,BU4052BC,BU4052BCF,BU4052BCFV, BU4053BC,BU4053BCF,BU4053BCFV,BU4551B,BU4551BF,BU4551BFV ● Description BU4066BC series ICs each contain 4 independent switches capable of controlling either digital or analog signals. BU4051BC / BU4052BC / BU4053BC / and BU4551B series ICs are analog selectable composite multiplexer/demultiplexer. BU4051BC series is configured with 8 channels, BU4052BC is configured with two 4 channels,BU4053BC series is configured with three 2 channels, BU4551B series is configured with four 2 channels, and switches applicable for each channel are turned on according to digital signals of control terminal. Even if the logic amplitude (VDD-VSS) of the control signal is small, signals of large amplitude (VDD-VEE) can be switched. ● Features 1) Low power consumption 2) Wide operating supply voltage (3[V]~18[V]) 3) High input impedance 4) L-TTL2 input and LS-TTL1 can be driven directly. 5) Applicable channel switches can be turned “ON” and “OFF” by the digital control signal. 6) Small control voltage (VDD-VSS) can control signals of large amplitude (VDD-VEE). 7) Linearity with excellent transfer characteristics ● Use This product is used as the switch and chopper modulation circuit of analog and digital signals. Since ON resistance of each switch is low, the product can be connected to low impedance circuit. The product can be used as ON/OFF switch and changeover switch of high-speed lines without degrading analog signals such as voice and images. ● Lineup BU4066BC/ BU4066BCF/ BU5066BCFV BU4051BC/ BU4051BCF/ BU4051BCFV BU4052BC/ BU4052BCF/ BU4052BCFV BU4053BC/ BU4053BCF/ BU4053BCFV BU4551B/ BU4551B F/ BU4551B FV High Voltage CMOS Logic Analog Switch 4 circuits switch 1 circuits 8 to 1 multiplexer 2 circuits 4 to 1 multiplexer 3 circuits 2 to 1 multiplexer 4 circuits 2 to 1 multiplexer (Quad-analog switch) (8ch analog multiplexer/demultiplexer) (Dual 4ch analog multiplexer/demultiplexer) (Triple 2ch analog multiplexer/demultiplexer) (Quad 2ch analog multiplexer/demultiplexer) No.09050EAT05 |
同様の部品番号 - BU4052BCFV-E2 |
|
同様の説明 - BU4052BCFV-E2 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |