データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU4313 データシート(PDF) 6 Page - Rohm

部品番号 BU4313
部品情報  Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU4313 データシート(HTML) 6 Page - Rohm

Back Button BU4313 Datasheet HTML 2Page - Rohm BU4313 Datasheet HTML 3Page - Rohm BU4313 Datasheet HTML 4Page - Rohm BU4313 Datasheet HTML 5Page - Rohm BU4313 Datasheet HTML 6Page - Rohm BU4313 Datasheet HTML 7Page - Rohm BU4313 Datasheet HTML 8Page - Rohm BU4313 Datasheet HTML 9Page - Rohm BU4313 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Technical Note
6/11
BU42□□G series, BU42□□F series, BU42□□FVE series,
BU43□□G series, BU43□□F series, BU43□□FVE series
www.rohm.com
2009.11 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
Circuit Applications
1) Examples of a common power supply detection reset circuit
Application examples of BU42□□G/F/FVE series
(Open Drain output type) and BU43□□G/F/FVE series
(CMOS output type) are shown below.
CASE1:The power supply of the microcontroller (Vdd2)
differs from the power supply of the reset detection
(Vdd1).
Use the Open Drain Output Type (BU42□□G/FVE)
attached a load resistance (RL) between the output and
Vdd2. (As shown Fig.18)
CASE2:The power supply of the microcontroller (Vdd1) is
same as the power supply of the reset detection (Vdd1).
Use CMOS output type (BU43□□G/FVE) or Open Drain
Output Type (BU42□□G/FVE) attached a load
resistance (RL) between the output and Vdd1.
(As shown Fig.19)
When a capacitance CL for noise filtering is connected to
the Vout pin (the reset signal input terminal of the
microcontroller), please take into account the waveform
of the rise and fall of the output voltage (Vout).
VDD1
BU43□□□
CIN
GND
CT
Microcontroller
RST
CL
(Capacitor for
noise filtering)
Fig.19 CMOS Output type
VDD1
BU42□□□
VDD2
GND
Microcontroller
RST
CL
(Capacitor for
noise filtering)
CT
RL
CIN
Fig.18 Open collector Output type


同様の部品番号 - BU4313

メーカー部品番号データシート部品情報
logo
Rohm
BU4313 ROHM-BU4313 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4313 ROHM-BU4313 Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4313 ROHM-BU4313 Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU4313 ROHM-BU4313 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4313 ROHM-BU4313 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

同様の説明 - BU4313

メーカー部品番号データシート部品情報
logo
Rohm
BU4220G-TR ROHM-BU4220G-TR Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227F-TR ROHM-BU4227F-TR Datasheet
502Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4240G-TR ROHM-BU4240G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227FVE-TR ROHM-BU4227FVE-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4228G-TR ROHM-BU4228G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XX ROHM-BU42XX Datasheet
447Kb / 17P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
03.Feb.2014 Rev.008
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BU4248 ROHM-BU4248_13 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4231G-TR ROHM-BU4231G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com