データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW30 データシート(PDF) 1 Page - Rectron Semiconductor

部品番号 BCW30
部品情報  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RECTRON [Rectron Semiconductor]
ホームページ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BCW30 データシート(HTML) 1 Page - Rectron Semiconductor

  BCW30 Datasheet HTML 1Page - Rectron Semiconductor BCW30 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
BCW30
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(PNP)
2007-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
DC current gain (VCE= -5V, IC= -2mA)
Collector cut-off current (VCB= -32V, IE=0)
Collector cut-off current (VCE= -30V, IB=0)
Collector cut-off current (VEB= -5V, IC=0)
Collector-emitter saturation voltage (IC= -10mA, IB= -0.5mA)
Base-emitter voltage (IC= -2mA, VCE= -5V)
CHARACTERISTICS
SYMBOL
UNITS
-
-
-
-
-0.1
-0.1
m
A
m
A
m
A
V
V
V
V
V
Collector-base breakdown voltage (IC= -10mA, IE=0)
Collector-emitter breakdown voltage (IC= -2mA, IB=0)
Emitter-base breakdown voltage (IE= -10mA, IC=0)
CLASSIFICATION OF hFE
RANK
Range
Marking
C2X
L
215-350
V(BR)CBO
V(BR)CEO
V(BR)EBO
IEBO
hFE
ICBO
ICEO
VCE(sat)
VBE(on)
H
MAX
-
-
-
-
-
-
-
TYP
-32
-32
-5
-
215
MIN
350-500
0.055(1.40)
0.047(1.20)
-
-
-0.1
-
-
-
-0.75
-0.3
-
500
BASE
EMITTER
COLLECTOR
*
*
*
*
Power dissipation
PCM :
0.225 W (Tamb=25OC)
Collector current
ICM :
-0.1
A
Collector-base voltage
V(BR)CBO : -32
V
Operating and storage junction temperature range
TJ,Tstg: -55OC to +150OC
1
1
2
3
2
3
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Note ; “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.


同様の部品番号 - BCW30

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCW30 PHILIPS-BCW30 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 13
BCW30 NXP-BCW30 Datasheet
118Kb / 6P
   PNP general purpose transistors
2004 Jan 13
logo
Nexperia B.V. All right...
BCW30 NEXPERIA-BCW30 Datasheet
314Kb / 7P
   PNP general purpose transistors
2004 Jan 13
logo
STMicroelectronics
BCW30 STMICROELECTRONICS-BCW30 Datasheet
37Kb / 4P
   SMALL SIGNAL PNP TRANSISTORS
logo
KEC(Korea Electronics)
BCW30 KEC-BCW30 Datasheet
35Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

同様の説明 - BCW30

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
MMBT2907A RECTRON-MMBT2907A Datasheet
305Kb / 5P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BC858A RECTRON-BC858A Datasheet
456Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61C RECTRON-BCW61C Datasheet
299Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61D RECTRON-BCW61D Datasheet
299Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW68G RECTRON-BCW68G Datasheet
300Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SA1037 RECTRON-2SA1037 Datasheet
294Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SA1235A RECTRON-2SA1235A Datasheet
295Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SC5344 RECTRON-2SC5344 Datasheet
298Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SD596 RECTRON-2SD596 Datasheet
298Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT3906 RECTRON-MMBT3906 Datasheet
274Kb / 5P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SB709A RECTRON-2SB709A Datasheet
343Kb / 5P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com