データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS02 データシート(PDF) 1 Page - Suntan Capacitors

部品番号 TS02
部品情報  METALLIZED POLYESTER FILM CAPACITOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNTAN [Suntan Capacitors]
ホームページ  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS02 データシート(HTML) 1 Page - Suntan Capacitors

  TS02 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
METALLIZED POLYESTER FILM CAPACITOR
Suntan®
NON-INDUCTIVE, EXTENDED FOIL, DIP COATED, HIGH MOISTURE RESISTANCE
TS02
F E A T U R E S
‧ High reliable with its Self-Healing performance.
‧ Coated with epoxy resin for superior heat resistance, humidity resistance and solvent resistance.
‧ Good reputation in use with filtering, DC blocking coupling and general communication equipment,
S PE CI F I CA T I O NS
OPERATING TEMPERATURE
RATED VOLTAGE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
INSULATION RESISTANCE
DISSIPATION FACTOR
DIELECTRIC STRENGTH
-40℃ TO + 85℃
DC 100V, 250V, 400V, 630V
0.01 TO 6.8µF
±5%, ±10%, ±20%
C<0.33µF R
≥15,000MΩ
C
≥0.33µF RC≥5.000MΩ Mfd
≤0.01 (AT 1KHZ)
150% of rated voltage for 5sec.
VDC
Mfd
100V
250V
400V
630V
L
T
H
P
L
T
H
P
L
T
H
P
L
T
H
P
0.01
12
4
7
10
12
4
7
10
12
4.5
7.5
10
12
4
7
10
0.015
12
5
8
10
12
5
8
10
12
5
8
10
12
5
8
10
0.018
12
5
8
10
12
5
8
10
12
5
8
10
12
5
8
10
0.022
12
5
8
10
12
5.5
9
10
12
5.5
9
10
12
5.5
9
10
0.027
12.5
5
9
10
12.5
5.5
9
10
12.5
5.5
9
10
12.5
5.5
9
10
0.033
12.5
5
9
10
12.5
5.5
9
10
12
5.5
9.8
10
12.5
5.5
9
10
0.039
12.5
5
9
10
12.5
5.5
9
10
12.5
6
9
10
12.5
5.5
10
10
0.047
12.5
5
9
10
12.5
5.5
10
10
12.5
6
10
10
12.5
5.5
11
10
0.056
12.5
5
9
10
12.5
5.5
10
10
12.5
6
10
10
12.5
5.5
10
10
0.068
12.5
5
9
10
12.5
5.5
10
10
12.5
6.5
10
10
12.5
5.5
10
10
0.082
12.5
5
9
10
12.5
5.5
10
10
12.5
6.5
10
10
12.5
5.5
10
10
0.1
12.5
5
9.5
10
12.5
5.5
10
10
12.5
6.5
11
10
17.5
6
11
15
0.15
12.5
5
9.5
10
12.5
5.5
10
10
12.5
6.5
12
10
17.5
8
13
15
0.18
12.5
6
10
10
12.5
6
10.5
10
17
5
10
15
17.5
8
13
15.5
0.22
12.5
6
10
10
12.5
6
10.5
10
17
6
12.5
15
23
8.5
14.5
20.5
0.27
17
6
9
15
17
6
10.5
15
17
6.5
11.5
15
23
8.5
14.5
20.5
0.33
17.5
6
11
15
17
6
11
15
17.5
7
13.5
15
23
8.5
14.5
20.5
0.39
17.5
7
11
15
17.5
7
13
15.5
18
7
14
15
23
10.5
15
20.5
0.47
17.5
5
10.5
15
18
7
13.5
15
18
8
14
15
23
10.5
15
20.5
0.5
17.5
5
10.5
15
17
7
13.5
15
18
8
15
15
23
10.5
15.5
20
0.56
17.5
5
10.5
15
17
7
13.5
15
18
9
16
15
23
10.5
15.5
20.5
0.68
17
7
13.5
15
18
7
13.5
15
23
8
14
20.5
23
11
18
20.5
0.82
18
7.5
13.5
15
18
7
13.5
15
23.5
8.5
16
20.5
29.5
9
20
26.5
1
18
7.5
14
15
23
7
13.5
20
23.5
9
19
20.5
29.5
11
21
26.5
1.1
18
7.5
14.5
15
23
7.5
13.5
20
23.5
9.5
19.5
20.5
29.5
10
20.5
26.5
1.2
23
7.5
14.5
20
23
8
16
20
23.5
9.5
19.5
20.5
29.5
10.5
20.5
26.5
1.5
23
7.5
16
20
23
8
16.5
20.5
24
10
22
20.5
29.5
13
23
26.5
1.8
23
8.5
16.5
20
23
8.5
16.5
20.5
24
12
20.5
20.5
29.5
14
24.5
26.5
2.2
23
9.5
17
20
30
8.5
17.5
27
30
12.5
21
26
30
16
26
26.5
2.5
23.5
10
18.5
20
30
8.5
19
27
30
12.5
21
26
35
17
25
30
2.7
23.5
11
20.5
20
30
9
19
27.5
30
14
21
27
35
17
27
31.5
3.3
23.5
11
20.5
20
30
9.5
20.5
27.5
30
12.5
27
27
35
19
33
31.5
4.5
30.5
12.5
23.5
27.5
30
11.5
23
27.5
30.5
15.5
26.5
27.5
35
22.5
33
31.5
4.7
30.5
12.5
23.5
27.5
30.5
13
24
27.5
34
16
24.5
31
45
17.5
27.5
41
5.2
34
12.5
24
31.5
30.5
13
24
27.5
34.5
17.5
25
31
45
20.5
29.5
41
5.6
29.5
14
26.5
27.5
31
13
24
27.5
35
20
28
31
45
22
32
41
6.8
29.5
14
26.5
27.5
30.5
16
26.5
27.5
35
20
28
31
45
22
32
41
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


同様の部品番号 - TS02

メーカー部品番号データシート部品情報
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
TS02-66-150-BK-100-LCR-D CUI-TS02-66-150-BK-100-LCR-D Datasheet
467Kb / 5P
   TACTILE SWITCH
TS02-66-150-BK-100-SCR-D CUI-TS02-66-150-BK-100-SCR-D Datasheet
467Kb / 5P
   TACTILE SWITCH
TS02-66-150-BK-160-LCR-D CUI-TS02-66-150-BK-160-LCR-D Datasheet
467Kb / 5P
   TACTILE SWITCH
TS02-66-150-BK-160-SCR-D CUI-TS02-66-150-BK-160-SCR-D Datasheet
467Kb / 5P
   TACTILE SWITCH
More results

同様の説明 - TS02

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com