データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS12S-S データシート(PDF) 1 Page - Suntan Capacitors

部品番号 TS12S-S
部品情報  ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNTAN [Suntan Capacitors]
ホームページ  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS12S-S データシート(HTML) 1 Page - Suntan Capacitors

  TS12S-S Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRIC DOUBLE LAYER CAPACITOR – GOLD CAPACITOR
Suntan®
TS12S-S
F E A T U R E S
Small size but large capacity
Low leakage, safety and high
reliability
SPECIFICA
TIO
N
S
Rated Capacity
0.15F---8.0F
Operating temperature
-25 to +70℃
Rated working voltage
2.7V---5.5VDC
Surge Voltage
3.0---6.0V
Capacitance tolerance
-20% to +80%
Internal resistance
<3Ω---<100Ω
Charging Voltage
≤2.7V---≤5.5V
Low temperature performance
change in capacity:≤ 50% of the value of measurement;
change in inner resistance: 3 times of the value of measurement
Endure(After 1000 h)
change in capacity:≤ 30% of the value of measurement;
change in inner resistance: 4 times of the value of measurement
Operating temperature
-25 - 70℃
Storage temperature
-20 - 45℃
V Type(mm)
H Type(mm)
Part Number
Operating
Voltage(V)
Cap
F)
ESR
Ω)Max
ФD±1.0
H±1.0
P±1.0
ФD±1.0
H±1.0
P±1.0
TS12SS2R7474
2.7
0.47
30
9.7
11.4
2.2
9.7
2.2
10.0
TS12SS2R7664
2.7
0.66
25
9.7
11.4
2.9
9.7
2.9
10.0
TS12SS2R7105
2.7
1.0
20
12.8
13.8
2.2
12.8
2.2
13.0
TS12SS2R7165
2.7
1.6
20
16.0
17.3
2.2
16.0
2.2
16.0
TS12SS2R7205
2.7
2.0
15
19.0
19.6
2.2
19.0
2.2
20.0
TS12SS2R7305
2.7
3.0
12
20.2
20.5
1.8
20.2
1.8
20.8
TS12SS2R7605
2.7
6.0
8
20.2
20.7
3.4
20.2
3.4
20.8
TS12SS2R7805
2.7
8.0
5
24.8
25.8
3.2
24.8
3.2
25.4
TS12SS5R5154
5.5
0.15
100
7.1
7.5
4.4
7.1
4.4
7.2
TS12SS5R5224
5.5
0.22
60
9.7
11.4
4.6
9.7
4.6
10.0
TS12SS5R5334
5.5
0.33
50
9.7
11.4
5.8
9.7
5.8
10.0
TS12SS5R5474
5.5
0.47
40
12.8
13.8
4.4
12.8
4.2
13.0
TS12SS5R5804
5.5
0.8
30
16.0
17.3
4.8
16.0
4.6
16.0
TS12SS5R5105
5.5
1.0
30
19.0
19.6
4.6
19.0
4.2
20.0
TS12SS5R5155
5.5
1.5
24
20.2
20.5
5.0
20.2
3.5
20.8
TS12SS5R5405
5.5
4.0
10
24.8
25.8
6.6
24.8
6.2
25.4
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


同様の部品番号 - TS12S-S

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
TS12S-S SUNTAN-TS12S-S Datasheet
566Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-S SUNTAN-TS12S-S_17 Datasheet
616Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
More results

同様の説明 - TS12S-S

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M_17 Datasheet
239Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-V SUNTAN-TS12S-V Datasheet
367Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-R SUNTAN-TS12S-R_17 Datasheet
297Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-S SUNTAN-TS12S-S_17 Datasheet
616Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12 SUNTAN-TS12_17 Datasheet
177Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-V SUNTAN-TS12S-V_17 Datasheet
270Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M Datasheet
233Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-R SUNTAN-TS12S-R Datasheet
293Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com