データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS13AE データシート(PDF) 1 Page - Suntan Capacitors

部品番号 TS13AE
部品情報  AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNTAN [Suntan Capacitors]
ホームページ  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13AE データシート(HTML) 1 Page - Suntan Capacitors

  TS13AE Datasheet HTML 1Page - Suntan Capacitors TS13AE Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Suntan®
L O W
V O L T A G E ,
2
R U B B E R
T Y P E
TS13AE
F E A T U R E S
‧ 85℃, 2000 hours assured.
‧ For general purpose application
I
T
E
M
S C
H
A
R
A
C
T
E
R
I
S
T
I
C
Operating Temperature Range
-40℃ ~ +85℃
Voltage Range
6.3 ~ 160 WV
Capacitance Tolerance
±20% (at 20℃ 120Hz)
Leakage Current(uA)(20℃)
I ≤ 0.01CV or 3 (µA) Whichever is greater
(after 3 minutes applying the rated DC working voltage at 20℃)
where: C = rated capacitance in µF.
V = rated DC working voltage in V.
Dissipation Factor (Tanδ)
(At 20℃, 120Hz)
WV
6.3
10
16
25
35
50
63
100
160
DF
24
20
16
14
12
10
10
10
20
For capacitors whose capacitance exceeds 1,000µF, the specification of tanδ is increased by 0.02 for
every addition of 1,000µF.
Surge Voltage (V) (20℃)
WV
6.3
10
16
25
35
50
63
100
160
SV
8
13
20
32
44
63
79
125
200
Low Temperature Characteristics
Impedance radio at 120Hz.
Comparison Z\ WV
6.3
10
16
25
35
50
63
100
160
-25℃ / +20℃
4
3
2
2
2
2
3
2
3
-40℃ / +20℃
8
6
4
4
4
2
3
3
-
Load Life
After 2000 hours application of
rated voltage at 85℃, capacitors
meet the characteristics
requirements listed at right.
Capacitance Change
Less than ±25% of initial value
Dissipation Factor
Less than 200% of specified value
Leakage Current
Initial specified value of less
Shelf Life
After leaving capacitors under no load at 85℃ for 500 hours and applying voltage they meet the
specified value for load life characteristics listed above.
DIAGRAM OF DIMENSIONS
Unit:mm
LEAD DIAMETER
ØD
5
6.3
8
10
13
16
18
22
25
Ød
0.5
0.6
0.8
a
1.0
2.0
b
0.5
1.0
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


同様の部品番号 - TS13AE

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

同様の説明 - TS13AE

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
   Axial Aluminum Electrolytic Capacitors
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG225 KEMET-PEG225 Datasheet
501Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227_V01 Datasheet
1Mb / 8P
   Axial Aluminum Electrolytic Capacitors
1/19/2023
PEG124 KEMET-PEG124 Datasheet
572Kb / 11P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com