データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS12S-M データシート(PDF) 1 Page - Suntan Capacitors

部品番号 TS12S-M
部品情報  ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNTAN [Suntan Capacitors]
ホームページ  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS12S-M データシート(HTML) 1 Page - Suntan Capacitors

  TS12S-M Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRIC DOUBLE LAYER CAPACITOR – GOLD CAPACITOR
Suntan®
TS12S-M
F E A T U R E S
Radial & Snap-in type
large capacity, VENT case.
SPECIFICA
T
IONS
Operating temperature
-25 to +70℃
Rated voltage
2.5VDC
Surge voltage
3.0VDC
Capacitance tolerance
-20% to +80%
Characteristics at
Temperature
+70℃│ΔC/C│≤30%, ESR≤100% time of specified value at 25℃
-25℃
│ΔC/C│≤50%, ESR≤400% time of specified value at 25℃
High Temperature load
After 1000 hours storage at +70℃±2 at 5.5V ,│ΔC/C│≤30% of the initial measured value,
ESR≤200% of the initial specified value
Humidity Resistance
After +40℃±2,90~95%RH,240 hour│ΔC/C│≤30% of the initial measured value,
IL≤200% of the initial specified value,ESR≤4 time of the initial specified value
Part Number
Rated
Capacitance
Operating
Voltage
ESR 1HKZ
(MΩ)
Size
(ØD±0.5mm
* L±1.0,mm
P ±
1.0(mm)
Ø
d (mm)
TS12S-M-2R5-704
0.7F
2.5V
800
Ø
8x13
3.5
0.6
TS12S-M-2R5-104
1.0F
2.5V
600
Ø
8x13
3.5
0.6
TS12S-M-2R5-205
2.0F
2.5V
300
Ø10x20
4.5
0.6
TS12S-M-2R5-305
3.0F
2.5V
200
Ø8
x20
3.5
0.6
TS12S-M-2R5-335
3.3F
2.5V
200
Ø
10x20
4.5
0.6
TS12S-M-2R5-475
4.7F
2.5V
150
Ø
13x21
4.5
0.6
TS12S-M-2R5-805
8.0F
2.5V
100
Ø
13x21
4.5
0.6
Can make up to 2.7V, please send us e-mail if you have any special request.
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


同様の部品番号 - TS12S-M

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
TS12S-M SUNTAN-TS12S-M Datasheet
233Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-M-2R5-104 SUNTAN-TS12S-M-2R5-104 Datasheet
239Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-M-2R5-205 SUNTAN-TS12S-M-2R5-205 Datasheet
239Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-M-2R5-305 SUNTAN-TS12S-M-2R5-305 Datasheet
239Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-M-2R5-335 SUNTAN-TS12S-M-2R5-335 Datasheet
239Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
More results

同様の説明 - TS12S-M

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M_17 Datasheet
239Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-V SUNTAN-TS12S-V Datasheet
367Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-R SUNTAN-TS12S-R_17 Datasheet
297Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-S SUNTAN-TS12S-S_17 Datasheet
616Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-S SUNTAN-TS12S-S Datasheet
566Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12 SUNTAN-TS12_17 Datasheet
177Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-V SUNTAN-TS12S-V_17 Datasheet
270Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M Datasheet
233Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-R SUNTAN-TS12S-R Datasheet
293Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com