データシートサーチシステム |
|
1N4761 データシート(PDF) 2 Page - Silicon Standard Corp. |
|
1N4761 データシート(HTML) 2 Page - Silicon Standard Corp. |
2 / 3 page 02/15/2008 Rev.1.00 www.SiliconStandard.com 2 ELECTRICAL CHARACTERISTICS (TA=25 oC unless otherwise noted) Maximum V F=1.2V at IF=200mA e p y T r e b m u n l a n i m o N r e n e z e g a t l o v ) 3 ( I t a T Z V Z ) s t l o V ( t s e T t n e r r u c I T Z ) A m ( e c n a d e p m i r e n e z m u m i x a M ) 1 ( e s r e v e r m u m i x a M t n e r r u c e g a k a e l e g r u S t n e r r u c t a T A 5 2 = oC I R ) A m ( m u m i x a M r o t a l u g e r t n e r r u c ) 2 ( t a T A 0 5 = oC I M Z ) A m ( Z T Z I t a T Z ( Ω Ω Ω Ω Ω) Z K Z ( Ω Ω Ω Ω Ω) t a I K Z ) A m ( I R (u ) A V t a R ) s t l o V ( 8 2 7 4 N 13 . 36 70 10 0 40 . 10 0 11 0 8 3 16 7 2 9 2 7 4 N 16 . 39 60 10 0 40 . 10 0 11 0 6 2 12 5 2 0 3 7 4 N 19 . 34 69 0 0 40 . 10 51 0 9 1 14 3 2 1 3 7 4 N 13 . 48 59 0 0 40 . 10 11 0 7 0 17 1 2 2 3 7 4 N 17 . 43 58 0 0 50 . 10 11 0 7 93 9 1 3 3 7 4 N 11 . 59 47 0 5 50 . 10 11 0 9 88 7 1 4 3 7 4 N 16 . 55 45 0 0 60 . 10 12 0 1 82 6 1 5 3 7 4 N 12 . 61 42 0 0 70 . 10 13 0 3 76 4 1 6 3 7 4 N 18 . 67 35 . 30 0 70 . 10 14 0 6 63 3 1 7 3 7 4 N 15 . 74 30 . 40 0 75 . 00 15 5 0 61 2 1 8 3 7 4 N 12 . 81 35 . 40 0 75 . 00 16 0 5 50 1 1 9 3 7 4 N 11 . 98 20 . 50 0 75 . 00 17 0 0 50 0 1 0 4 7 4 N 10 15 27 0 0 75 2 . 00 16 . 74 5 41 9 1 4 7 4 N 11 13 28 0 0 75 2 . 05 4 . 84 1 43 8 2 4 7 4 N 12 11 29 0 0 75 2 . 05 1 . 90 8 36 7 3 4 7 4 N 13 19 10 10 0 75 2 . 05 9 . 94 4 39 6 4 4 7 4 N 15 17 14 10 0 75 2 . 054 . 1 14 0 31 6 5 4 7 4 N 16 15 . 5 16 10 0 75 2 . 05 2 . 2 15 8 27 5 6 4 7 4 N 18 14 10 20 5 75 2 . 05 7 . 3 10 5 20 5 7 4 7 4 N 10 25 . 2 12 20 5 75 2 . 05 2 . 5 15 2 25 4 8 4 7 4 N 12 25 . 1 13 20 5 75 2 . 05 7 . 6 15 0 21 4 9 4 7 4 N 14 25 . 0 15 20 5 75 2 . 05 2 . 8 10 9 18 3 0 5 7 4 N 17 25 . 95 30 5 75 2 . 056 . 0 20 7 14 3 1 5 7 4 N 10 35 . 80 40 0 0 15 2 . 058 . 2 20 5 10 3 2 5 7 4 N 13 35 . 75 40 0 0 15 2 . 05 1 . 5 25 3 17 2 3 5 7 4 N 16 30 . 70 50 0 0 15 2 . 054 . 7 25 2 15 2 4 5 7 4 N 19 35 . 60 60 0 0 15 2 . 057 . 9 25 1 13 2 5 5 7 4 N 13 40 . 60 70 0 5 15 2 . 057 . 2 30 1 12 2 6 5 7 4 N 17 45 . 50 80 0 5 15 2 . 058 . 5 35 99 1 7 5 7 4 N 11 50 . 55 90 0 5 15 2 . 058 . 8 30 98 1 8 5 7 4 N 16 55 . 40 1 10 0 0 25 2 . 05 6 . 2 40 86 1 9 5 7 4 N 12 60 . 45 2 10 0 0 25 2 . 05 1 . 7 40 74 1 0 6 7 4 N 18 67 . 30 5 10 0 0 25 2 . 057 . 1 55 63 1 1 6 7 4 N 15 73 . 35 7 10 0 0 25 2 . 050 . 6 50 62 1 2 6 7 4 N 12 80 . 30 0 20 0 0 35 2 . 052 . 2 65 51 1 3 6 7 4 N 11 98 . 20 5 20 0 0 35 2 . 052 . 9 60 50 1 4 6 7 4 N 10 0 15 . 20 5 30 0 0 35 2 . 050 . 6 75 49 Notes: 1. The Zener impedance is derived from the 1KHZ AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (I ZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units 2. Valid provided that electrodes at a distance of 10 mm from case are kept at ambient temperature 3. Measured under thermal equilibrium and DC test conditions 1N4728 thru 1N4764 |
同様の部品番号 - 1N4761 |
|
同様の説明 - 1N4761 |