データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZX79-F33 データシート(PDF) 3 Page - Silicon Standard Corp.

部品番号 BZX79-F33
部品情報  ZENER DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

BZX79-F33 データシート(HTML) 3 Page - Silicon Standard Corp.

  BZX79-F33 Datasheet HTML 1Page - Silicon Standard Corp. BZX79-F33 Datasheet HTML 2Page - Silicon Standard Corp. BZX79-F33 Datasheet HTML 3Page - Silicon Standard Corp. BZX79-F33 Datasheet HTML 4Page - Silicon Standard Corp. BZX79-F33 Datasheet HTML 5Page - Silicon Standard Corp. BZX79-F33 Datasheet HTML 6Page - Silicon Standard Corp. BZX79-F33 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
07/11/2007 Rev.1.00
www.SiliconStandard.com
3
ELECTRICAL CHARACTERISTICS
(TA=25
o
C unless otherwise noted)
Maximum VF=0.9V at IF=10mA
e
p
y
T
r
e
b
m
u
n
+
.
l
o
T
%
5
e
g
n
a
r
e
g
a
t
l
o
v
r
e
n
e
Z
)
1
(
I
t
a
Z
A
m
5
=
V
Z
)
s
t
l
o
V
(
.
n
i
M.
x
a
M
4
V
2
C
-
9
7
X
Z
B0
2
.
20
6
.
2
7
V
2
C
-
9
7
X
Z
B0
5
.
20
9
.
2
0
V
3
C
-
9
7
X
Z
B0
8
.
20
2
.
3
3
V
3
C
-
9
7
X
Z
B0
1
.
30
5
.
3
6
V
3
C
-
9
7
X
Z
B0
4
.
30
8
.
3
9
V
3
C
-
9
7
X
Z
B0
7
.
30
1
.
4
3
V
4
C
-
9
7
X
Z
B0
0
.
40
6
.
4
7
V
4
C
-
9
7
X
Z
B0
4
.
40
0
.
5
1
V
5
C
-
9
7
X
Z
B0
8
.
40
4
.
5
6
V
5
C
-
9
7
X
Z
B0
2
.
50
0
.
6
2
V
6
C
-
9
7
X
Z
B0
8
.
50
6
.
6
8
V
6
C
-
9
7
X
Z
B0
4
.
60
2
.
7
5
V
7
C
-
9
7
X
Z
B0
0
.
70
9
.
7
2
V
8
C
-
9
7
X
Z
B0
7
.
70
7
.
8
1
V
9
C
-
9
7
X
Z
B0
5
.
80
6
.
9
0
1
C
-
9
7
X
Z
B0
4
.
90
6
.
0
1
1
1
C
-
9
7
X
Z
B0
4
.
0
10
6
.
1
1
2
1
C
-
9
7
X
Z
B0
4
.
1
10
7
.
2
1
3
1
C
-
9
7
X
Z
B0
4
.
2
10
1
.
4
1
5
1
C
-
9
7
X
Z
B0
8
.
3
10
6
.
5
1
6
1
C
-
9
7
X
Z
B0
3
.
5
10
1
.
7
1
8
1
C
-
9
7
X
Z
B0
8
.
6
10
1
.
9
1
0
2
C
-
9
7
X
Z
B0
8
.
8
10
2
.
1
2
2
2
C
-
9
7
X
Z
B0
8
.
0
20
3
.
3
2
4
2
C
-
9
7
X
Z
B0
8
.
2
20
6
.
5
2
7
2
C
-
9
7
X
Z
B0
1
.
5
20
9
.
8
2
)
3
(
0
3
C
-
9
7
X
Z
B0
0
.
8
20
0
.
2
3
)
3
(
3
3
C
-
9
7
X
Z
B0
0
.
1
30
0
.
5
3
)
3
(
6
3
C
-
9
7
X
Z
B0
0
.
4
30
0
.
8
3
)
3
(
9
3
C
-
9
7
X
Z
B0
0
.
7
30
0
.
1
4
)
3
(
3
4
C
-
9
7
X
Z
B0
0
.
0
40
0
.
6
4
)
3
(
7
4
C
-
9
7
X
Z
B0
0
.
4
40
0
.
0
5
)
3
(
1
5
C
-
9
7
X
Z
B0
0
.
8
40
0
.
4
5
)
3
(
6
5
C
-
9
7
X
Z
B0
0
.
2
50
0
.
0
6
)
3
(
2
6
C
-
9
7
X
Z
B0
0
.
8
50
0
.
6
6
)
3
(
8
6
C
-
9
7
X
Z
B0
0
.
4
60
0
.
2
7
)
3
(
5
7
C
-
9
7
X
Z
B0
0
.
0
70
0
.
9
7
)
3
(
Notes:
1. Tested with pulses t
p=5ms
2. Valid provided that electrodes are kept at ambient temperature
3. at I
Z=2.0 mA
See BZX79-y table for all characteristics other than zener voltage range.
e
p
y
T
r
e
b
m
u
n
+
.
l
o
T
%
2
e
g
n
a
r
e
g
a
t
l
o
v
r
e
n
e
Z
)
1
(
I
t
a
Z
A
m
5
=
V
Z
)
s
t
l
o
V
(
.
n
i
M.
x
a
M
4
V
2
B
-
9
7
X
Z
B5
3
.
25
4
.
2
7
V
2
B
-
9
7
X
Z
B5
6
.
25
7
.
2
0
V
3
B
-
9
7
X
Z
B4
9
.
26
0
.
3
3
V
3
B
-
9
7
X
Z
B3
2
.
37
3
.
3
6
V
3
B
-
9
7
X
Z
B3
5
.
37
6
.
3
9
V
3
B
-
9
7
X
Z
B2
8
.
38
9
.
3
3
V
4
B
-
9
7
X
Z
B1
2
.
49
3
.
4
7
V
4
B
-
9
7
X
Z
B1
6
.
49
7
.
4
1
V
5
B
-
9
7
X
Z
B0
0
.
50
2
.
5
6
V
5
B
-
9
7
X
Z
B9
4
.
51
7
.
5
2
V
6
B
-
9
7
X
Z
B8
0
.
62
3
.
6
8
V
6
B
-
9
7
X
Z
B6
6
.
64
9
.
6
5
V
7
B
-
9
7
X
Z
B5
3
.
75
6
.
7
2
V
8
B
-
9
7
X
Z
B4
0
.
86
3
.
8
1
V
9
B
-
9
7
X
Z
B2
9
.
88
2
.
9
0
1
B
-
9
7
X
Z
B0
8
.
90
2
.
0
1
1
1
B
-
9
7
X
Z
B0
8
.
0
10
2
.
1
1
2
1
B
-
9
7
X
Z
B0
8
.
1
10
2
.
2
1
3
1
B
-
9
7
X
Z
B0
7
.
2
10
3
.
3
1
5
1
B
-
9
7
X
Z
B0
7
.
4
10
3
.
5
1
6
1
B
-
9
7
X
Z
B0
7
.
5
10
3
.
6
1
8
1
B
-
9
7
X
Z
B0
6
.
7
10
4
.
8
1
0
2
B
-
9
7
X
Z
B0
6
.
9
10
4
.
0
2
2
2
B
-
9
7
X
Z
B0
6
.
1
20
4
.
2
2
4
2
B
-
9
7
X
Z
B0
5
.
3
20
5
.
4
2
7
2
B
-
9
7
X
Z
B0
5
.
6
20
5
.
7
2
)
3
(
0
3
B
-
9
7
X
Z
B0
4
.
9
20
6
.
0
3
)
3
(
3
3
B
-
9
7
X
Z
B0
3
.
2
30
7
.
3
3
)
3
(
6
3
B
-
9
7
X
Z
B0
3
.
5
30
7
.
6
3
)
3
(
9
3
B
-
9
7
X
Z
B0
2
.
8
30
8
.
9
3
)
3
(
3
4
B
-
9
7
X
Z
B0
1
.
2
40
9
.
3
4
)
3
(
7
4
B
-
9
7
X
Z
B0
1
.
6
40
9
.
7
4
)
3
(
1
5
B
-
9
7
X
Z
B0
0
.
0
50
0
.
2
5
)
3
(
6
5
B
-
9
7
X
Z
B0
9
.
4
50
1
.
7
5
)
3
(
2
6
B
-
9
7
X
Z
B0
8
.
0
60
2
.
3
6
)
3
(
8
6
B
-
9
7
X
Z
B0
6
.
6
60
4
.
9
6
)
3
(
5
7
B
-
9
7
X
Z
B0
5
.
3
70
5
.
6
7
)
3
(
e
p
y
T
r
e
b
m
u
n
+
.
l
o
T
%
3
e
g
n
a
r
e
g
a
t
l
o
v
r
e
n
e
Z
)
1
(
I
t
a
Z
A
m
5
=
V
Z
)
s
t
l
o
V
(
.
n
i
M.
x
a
M
4
V
2
F
-
9
7
X
Z
B3
3
.
27
4
.
2
7
V
2
F
-
9
7
X
Z
B2
6
.
28
7
.
2
0
V
3
F
-
9
7
X
Z
B1
9
.
29
0
.
3
3
V
3
F
-
9
7
X
Z
B0
2
.
30
4
.
3
6
V
3
F
-
9
7
X
Z
B9
4
.
31
7
.
3
9
V
3
F
-
9
7
X
Z
B8
7
.
32
0
.
4
3
V
4
F
-
9
7
X
Z
B7
1
.
43
4
.
4
7
V
4
F
-
9
7
X
Z
B6
5
.
44
8
.
4
1
V
5
F
-
9
7
X
Z
B5
9
.
45
2
.
5
6
V
5
F
-
9
7
X
Z
B3
4
.
57
7
.
5
2
V
6
F
-
9
7
X
Z
B1
0
.
69
3
.
6
8
V
6
F
-
9
7
X
Z
B0
6
.
60
0
.
7
5
V
7
F
-
9
7
X
Z
B8
2
.
72
7
.
7
2
V
8
F
-
9
7
X
Z
B5
9
.
75
4
.
8
1
V
9
F
-
9
7
X
Z
B3
8
.
87
3
.
9
0
1
F
-
9
7
X
Z
B0
7
.
90
3
.
0
1
1
1
F
-
9
7
X
Z
B7
6
.
0
13
3
.
1
1
2
1
F
-
9
7
X
Z
B4
6
.
1
16
3
.
2
1
3
1
F
-
9
7
X
Z
B1
6
.
2
19
3
.
3
1
5
1
F
-
9
7
X
Z
B5
5
.
4
15
4
.
5
1
6
1
F
-
9
7
X
Z
B0
5
.
5
10
5
.
6
1
8
1
F
-
9
7
X
Z
B0
5
.
7
10
5
.
8
1
0
2
F
-
9
7
X
Z
B0
4
.
9
10
6
.
0
2
2
2
F
-
9
7
X
Z
B0
3
.
1
20
7
.
2
2
4
2
F
-
9
7
X
Z
B0
3
.
3
20
7
.
4
2
7
2
F
-
9
7
X
Z
B0
2
.
6
20
8
.
7
2
)
3
(
0
3
F
-
9
7
X
Z
B0
1
.
9
20
9
.
0
3
)
3
(
3
3
F
-
9
7
X
Z
B0
0
.
2
30
0
.
4
3
)
3
(
6
3
F
-
9
7
X
Z
B0
9
.
4
30
1
.
7
3
)
3
(
9
3
F
-
9
7
X
Z
B0
8
.
7
30
2
.
0
4
)
3
(
3
4
F
-
9
7
X
Z
B0
7
.
1
40
3
.
4
4
)
3
(
7
4
F
-
9
7
X
Z
B0
6
.
5
40
4
.
8
4
)
3
(
1
5
F
-
9
7
X
Z
B0
5
.
9
40
5
.
2
5
)
3
(
6
5
F
-
9
7
X
Z
B0
3
.
4
50
7
.
7
5
)
3
(
2
6
F
-
9
7
X
Z
B0
1
.
0
60
9
.
3
6
)
3
(
8
6
F
-
9
7
X
Z
B0
0
.
6
60
0
.
0
7
)
3
(
5
7
F
-
9
7
X
Z
B0
8
.
2
70
2
.
7
7
)
3
(
BZX79 SERIES


同様の部品番号 - BZX79-F33

メーカー部品番号データシート部品情報
logo
General Semiconductor
BZX79-F33 GE-BZX79-F33 Datasheet
321Kb / 7P
   SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
BZX79-F33 GOOD-ARK-BZX79-F33 Datasheet
320Kb / 7P
   Zener Diodes
More results

同様の説明 - BZX79-F33

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com