データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W04GM データシート(PDF) 2 Page - Silicon Standard Corp.

部品番号 W04GM
部品情報  Glass Passivated Single-Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

W04GM データシート(HTML) 2 Page - Silicon Standard Corp.

  W04GM Datasheet HTML 1Page - Silicon Standard Corp. W04GM Datasheet HTML 2Page - Silicon Standard Corp. W04GM Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
07/04/2007 Rev.1.00
www.SiliconStandard.com
2
RB154
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S
1
5
1
B
R2
5
1
B
R3
5
1
B
R4
5
1
B
R5
5
1
B
R6
5
1
B
R7
5
1
B
R
s
t
i
n
U
5
0
0
W1
0
W2
0
W4
0
W6
0
W8
0
W0
1
W
M
5
0
0
WM
1
0
WM
2
0
WM
4
0
WM
6
0
WM
8
0
WM
0
1
W
G
5
0
0
WG
1
0
WG
2
0
WG
4
0
WG
6
0
WG
8
0
WG
0
1
W
M
G
5
0
0
WM
G
1
0
WM
G
2
0
WM
G
4
0
WM
G
6
0
WM
G
8
0
WM
G
0
1
W
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
t
n
e
r
r
u
c
e
r
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
T
t
a
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
A
0
5
=
oCI
)
V
A
(
F
5
.
1s
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s)
I
M
S
F
0
0
.
0
5
M
G
x
x
x
W
&
G
x
x
x
W
,
x
5
1
B
R
,
0
.
0
4
M
x
x
x
W
r
o
x
x
x
Ws
p
m
A
A
5
7
.
0
t
a
t
n
e
m
e
l
e
r
e
p
p
o
r
d
e
g
a
tl
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
.
x
a
MV
F
0
.
1t
l
o
V
T
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
A
5
2
=
oC
t
n
e
m
e
l
e
r
e
p
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
I
R
0
.
0
1
0
0
5
@
M
x
x
x
W
,
x
x
x
W
,
x
5
1
B
R
(T
A
0
0
1
=
o
@
M
G
x
x
x
W
r
o
G
x
x
x
W
,
CT
A
5
2
1
=
oC)
uA
)
1
e
t
o
N
(
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
R
θ A
J
R
θ L
J
6
3
3
1
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
0
5
1
+
o
t
5
5
-
M
G
x
x
x
W
&
G
x
x
x
W
,
x
5
1
B
R
,
5
2
1
+
o
t
5
5
-
M
x
x
x
W
r
o
x
x
x
W
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2 x 0.2" (5 x 5mm) copper pads


同様の部品番号 - W04GM

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
W04GM TSC-W04GM Datasheet
68Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
More results

同様の説明 - W04GM

メーカー部品番号データシート部品情報
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com