データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC2501 データシート(PDF) 1 Page - Won-Top Electronics

部品番号 TC2501
部品情報  25A 5/16 TIN CAN TYPE PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WTE [Won-Top Electronics]
ホームページ  http://www.wontop.com
Logo WTE - Won-Top Electronics

TC2501 データシート(HTML) 1 Page - Won-Top Electronics

  TC2501 Datasheet HTML 1Page - Won-Top Electronics TC2501 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TC2500 – TC2504
1 of 2
© 2002 Won-Top Electronics
TC2500 – TC2504
25A 5/16" TIN CAN TYPE PRESS-FIT DIODE
Features
!
Glass Passivated Die Construction
!
Low Leakage
!
Low Cost
!
High Surge Current Capability
!
Typical IR less than 10µA
                              
D
Mechanical Data
C
!
Case: All Copper Case and Components
E
Hermetically Sealed
!
Terminals: Contact Areas Readily Solderable
!
Polarity: Cathode to Case(Reverse Units Are
B
Available Upon Request and Are Designated
By An “R” Suffix, i.e. TC2502R or TC2504R)
!
Polarity: Red Color Equals Standard,
A
Black Color Equals Reverse Polarity
!
Mounting Position: Any
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
TC2500
TC2501
TC2502
TC2503
TC2504
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
V
Average Rectified Output Current
@TA = 150°C
IO
25
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 50A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Typical Junction Capacitance (Note 1)
Cj
300
pF
Typical Thermal Resistance Junction to Case (Note 2)
RJC
1.0
K/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
WTE
POWER SEMICONDUCTORS
Tin Can
Dim
Min
Max
A
8.70
8.75
B
6.35
6.40
C
10.45
10.50
D
1.45
1.49
E
27.60
All Dimensions in mm


同様の部品番号 - TC2501

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
TC2501 WTE-TC2501 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2501 WTE-TC2501 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
logo
SHENZHEN FUMAN ELECTRON...
TC2501 FUMAN-TC2501 Datasheet
3Mb / 66P
   Eight-bit microcontroller
More results

同様の説明 - TC2501

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
TC2500 WTE-TC2500_06 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2500 WTE-TC2500_14 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2520 WTE-TC2520 Datasheet
31Kb / 2P
   25A GLASS PASSIVATED AVALANCHE 5/16 TIN CAN PRESS-FIT DIODE
TC3500 WTE-TC3500 Datasheet
23Kb / 2P
   35A 5/16 TIN CAN TYPE PRESS-FIT DIODE
TC3500 WTE-TC3500_14 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC3500 WTE-TC3500_06 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC3520 WTE-TC3520 Datasheet
31Kb / 2P
   35A GLASS PASSIVATED AVALANCHE 5/16 TIN CAN PRESS-FIT DIODE
LD2500 WTE-LD2500_06 Datasheet
29Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
MD2500 WTE-MD2500 Datasheet
30Kb / 2P
   25A MOTOROLA TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500_06 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com