データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS809N-26GU データシート(PDF) 7 Page - Silicon Standard Corp.

部品番号 SS809N-26GU
部品情報  3-Pin Microprocessor Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS809N-26GU データシート(HTML) 7 Page - Silicon Standard Corp.

  SS809N-26GU Datasheet HTML 1Page - Silicon Standard Corp. SS809N-26GU Datasheet HTML 2Page - Silicon Standard Corp. SS809N-26GU Datasheet HTML 3Page - Silicon Standard Corp. SS809N-26GU Datasheet HTML 4Page - Silicon Standard Corp. SS809N-26GU Datasheet HTML 5Page - Silicon Standard Corp. SS809N-26GU Datasheet HTML 6Page - Silicon Standard Corp. SS809N-26GU Datasheet HTML 7Page - Silicon Standard Corp. SS809N-26GU Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.SiliconStandard.com
7 of 8
SS809/810G
9/20/2006 Rev.3.01
DETAILED DESCRIPTIONS OF TECHNICAL TERMS
RESET OUTPUT
The µP will be activated at a valid reset state. These
µP supervisory circuits assert reset to prevent code
execution errors during power-up, power-down, or
brownout conditions.
RESET is guaranteed to be a logic low for
VTH>VCC>0.9V. Once VCC exceeds the reset
threshold, an internal timer keeps RESET low for
the reset timeout period; after this interval, RESET
goes high.
If a brownout condition occurs (VCC drops below the
reset threshold), RESET goes low. Any time VCC
goes below the reset threshold, the internal timer
resets to zero, and RESET goes low. The internal
timer is activated after VCC returns above the reset
threshold, and RESET remains low for the reset
timeout period.
BENEFITS
OF
HIGHLY
ACCURATE
RESET
THRESHOLD
The SS809G and SS810G with specified voltage as 5V
±
10% or 3V
±10% are ideal for systems using a 5V±5%
or 3V
±5% power supply. The reset is guaranteed to
assert after the power supply falls out of regulation,
but before the power drops below the minimum
specified operating voltage range of the system ICs.
The pre-trimmed thresholds reduce the range over
which an undesirable reset may occur.
APPLICATION INFORMATION
NEGATIVE-GOING VCC TRANSIENTS
In addition to issuing a reset to the
µP during
power-up, power-down, and brownout conditions, the
SS809G series are relatively resistant to short-duration
negative-going VCC transients.
ENSURING A VALID RESET OUTPUT DOWN TO
VCC=0
When VCC falls below 0.9V, the SS809G RESET
output no longer sinks current; it becomes an open
circuit. In this case, high-impedance CMOS logic
inputs
connected
to
RESET
can
drift
to
undetermined voltages. Therefore, the SS809G/810G
are perfect for most CMOS applications down to VCC
of 0.9V. However in applications where RESET
must be valid down to 0V, adding a pull-down resistor
to RESET causes any leakage currents to flow to
ground, holding RESET low.
INTERFACING TO A MICROPROCESSOR WITH
BIDIRECTIONAL RESET PINS
The RESET output on the SS809N is open drain,
and this device interfaces easily with
µPs that have
bidirectional
reset
pins.
Connecting
the
µP
supervisor’s
RESET
output
directly
to
the
microcontroller’s RESET pin with a single pull-up
resistor allows either device to assert reset.


同様の部品番号 - SS809N-26GU

メーカー部品番号データシート部品情報
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
SS8000GQTR SSC-SS8000GQTR Datasheet
797Kb / 14P
   GSM Power-Management System
SS8000GQTY SSC-SS8000GQTY Datasheet
797Kb / 14P
   GSM Power-Management System
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
SS8012GTR SSC-SS8012GTR Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
More results

同様の説明 - SS809N-26GU

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com