データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS809N-44GU データシート(PDF) 1 Page - Silicon Standard Corp.

部品番号 SS809N-44GU
部品情報  3-Pin Microprocessor Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS809N-44GU データシート(HTML) 1 Page - Silicon Standard Corp.

  SS809N-44GU Datasheet HTML 1Page - Silicon Standard Corp. SS809N-44GU Datasheet HTML 2Page - Silicon Standard Corp. SS809N-44GU Datasheet HTML 3Page - Silicon Standard Corp. SS809N-44GU Datasheet HTML 4Page - Silicon Standard Corp. SS809N-44GU Datasheet HTML 5Page - Silicon Standard Corp. SS809N-44GU Datasheet HTML 6Page - Silicon Standard Corp. SS809N-44GU Datasheet HTML 7Page - Silicon Standard Corp. SS809N-44GU Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.SiliconStandard.com
1 of 8
SS809/810G
9/20/2006 Rev.3.01
3-Pin Microprocessor Reset Circuits
FEATURES
Ultra-low supply current 1
µA (typ.)
Guaranteed reset valid to Vcc=0.9V
Available in three output types:
Open-drain active low (SS809N-xxGx)
Push-pull active low
(SS809-xxGx)
Push-pull active high (SS810-xxGx)
Power-on reset pulse width min. 140ms
Internally fixed threshold 2.3V, 2.6V, 2.9V, 3.1V,
4.0V, 4.4V, 4.6V
Tight voltage threshold tolerance: 1.5%
Packaged in RoHS-compliant SOT-23-3
APPLICATIONS
l
Notebook Computers
l
Digital Still Cameras
l
PDAs
l
Critical Microprocessor Monitoring
DESCRIPTION
The SS809G and SS810G are low-power microprocessor
(µP) supervisory circuits used to monitor power supplies
in µP and digital systems. They improve circuit reliability
and reduce cost by eliminating external components.
These devices provide valid signals in applications
with Vcc ranging from 6.0V down to 0.9V. The reset
signal lasts for a minimum period of 140ms whenever the
VCC supply voltage falls below a preset threshold. Both
the SS809G and SS810G were designed with a reset
comparator to help identify invalid signals lasting less
than 140ms. The only difference between the two
devices is that one has an active-low RESET output
and the other an active-high RESET output.
Low supply current (1
µA) makes the SS809G and SS810G
ideal for portable equipment. The devices are available in
a SOT-23-3 package.
TYPICAL APPLICATION CIRCUIT
Push-Pull Output
VCC
VCC
GND
GND
µP
RESET
INPUT
RESET
(RESET)
VCC
SS809G
(SS810G)


同様の部品番号 - SS809N-44GU

メーカー部品番号データシート部品情報
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
SS8000GQTR SSC-SS8000GQTR Datasheet
797Kb / 14P
   GSM Power-Management System
SS8000GQTY SSC-SS8000GQTY Datasheet
797Kb / 14P
   GSM Power-Management System
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
SS8012GTR SSC-SS8012GTR Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
More results

同様の説明 - SS809N-44GU

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com