データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X1227 データシート(PDF) 6 Page - Xicor Inc.

部品番号 X1227
部品情報  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XICOR [Xicor Inc.]
ホームページ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1227 データシート(HTML) 6 Page - Xicor Inc.

Back Button X1227 Datasheet HTML 2Page - Xicor Inc. X1227 Datasheet HTML 3Page - Xicor Inc. X1227 Datasheet HTML 4Page - Xicor Inc. X1227 Datasheet HTML 5Page - Xicor Inc. X1227 Datasheet HTML 6Page - Xicor Inc. X1227 Datasheet HTML 7Page - Xicor Inc. X1227 Datasheet HTML 8Page - Xicor Inc. X1227 Datasheet HTML 9Page - Xicor Inc. X1227 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
X1227
REV 1.1.20 1/13/03
Characteristics subject to change without notice.
6 of 28
www.xicor.com
until the part powers up again. Writes to WEL bit do
not cause a nonvolatile write cycle, so the device is
ready for the next operation immediately after the stop
condition.
RTCF: Real Time Clock Fail Bit—Volatile
This bit is set to a ‘1’ after a total power failure. This is
a read only bit that is set by hardware (X1227 inter-
nally) when the device powers up after having lost all
power to the device. The bit is set regardless of
whether VCC or VBACK is applied first. The loss of only
one of the supplies does not result in setting the RTCF
bit. The first valid write to the RTC after a complete
power failure (writing one byte is sufficient) resets the
RTCF bit to ‘0’.
Unused Bits:
This device does not use bits 3 or 4 in the SR, but
must have a zero in these bit positions. The Data Byte
output during a SR read will contain zeros in these bit
locations.
CONTROL REGISTERS
The Control Bits and Registers, described under this
section, are nonvolatile.
Block Protect Bits—BP2, BP1, BP0
The Block Protect Bits, BP2, BP1 and BP0, determine
which blocks of the array are write protected. A write to a
protected block of memory is ignored. The block protect
bits will prevent write operations to one of eight segments
of the array. The partitions are described in Table 3 .
Table 3. Block Protect Bits
Watchdog Timer Control Bits—WD1, WD0
The bits WD1 and WD0 control the period of the
Watchdog Timer. See Table 4 for options.
Table 4. Watchdog Timer Time-Out Options
ON-CHIP OSCILLATOR COMPENSATION
Digital Trimming Register (DTR) — DTR2, DTR1
and DTR0 (Non-Volatile)
The digital trimming Bits DTR2, DTR1 and DTR0
adjust the number of counts per second and average
the ppm error to achieve better accuracy.
DTR2 is a sign bit. DTR2=0 means frequency
compensation is > 0. DTR2=1 means frequency
compensation is < 0.
DTR1 and DTR0 are scale bits. DTR1 gives 10 ppm
adjustment and DTR0 gives 20 ppm adjustment.
A range from -30ppm to +30ppm can be represented
by using three bits above.
Table 5. Digital Trimming Registers
Protected Addresses
X1227
Array Lock
0
0
0
None (Default)
None
001
180h – 1FFh
Upper 1/4
010
100h – 1FFh
Upper 1/2
011
000h – 1FFh
Full Array
100
000h – 03Fh
First Page
101
000h – 07Fh
First 2 pgs
110
000h – 0FFh
First 4 pgs
111
000h – 1FFh
First 8 pgs
WD1 WD0
Watchdog Time-Out Period
0
0
1.75 seconds (Factory Default)
0
1
750 milliseconds
1
0
250 milliseconds
1
1
Disabled
DTR Register
Estimated frequency
PPM
DTR2
DTR1
DTR0
0
0
0
0 (Default)
0
1
0
+10
0
0
1
+20
0
1
1
+30
10
0
0
1
1
0
-10
1
0
1
-20
1
1
1
-30


同様の部品番号 - X1227

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227S8 INTERSIL-X1227S8 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1227S8 INTERSIL-X1227S8 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
More results

同様の説明 - X1227

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com