データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS6117A-18GYTR データシート(PDF) 7 Page - Silicon Standard Corp.

部品番号 SS6117A-18GYTR
部品情報  1A Low-Dropout Positive Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6117A-18GYTR データシート(HTML) 7 Page - Silicon Standard Corp.

  SS6117A-18GYTR Datasheet HTML 1Page - Silicon Standard Corp. SS6117A-18GYTR Datasheet HTML 2Page - Silicon Standard Corp. SS6117A-18GYTR Datasheet HTML 3Page - Silicon Standard Corp. SS6117A-18GYTR Datasheet HTML 4Page - Silicon Standard Corp. SS6117A-18GYTR Datasheet HTML 5Page - Silicon Standard Corp. SS6117A-18GYTR Datasheet HTML 6Page - Silicon Standard Corp. SS6117A-18GYTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
www.SiliconStandard.com
7 of 7
SS6117AG
PHYSICAL DIMENSIONS (unit: mm) (cont.)
TO-220
TO-252-3
8/16/2006 Rev.3.01
SECTION A-A
b
E
P
A
WITH PLATING
BASE METAL
A1
1.15
2.04
0.51
2.54 BSC
9.66
14.23
0.35
0.38
A2
D
e
A1
E
c
b2
b
2.92
1.77
1.39
10.66
16.51
0.61
1.01
3.56
MIN.
S
Y
M
B
O
L
A4
MAX.
TO-220
MILLIMETERS
D1
8.38
9.02
.82
2.54
5.85
3.54
12.70
H1
Q
P
L1
L
6.85
--
3.42
6.35
4.08
14.73
b2
e
AA
A2
MILLIMETERS
TO-252-3
MAX.
2.38
A
S
Y
M
B
O
L
MIN.
2.19
0.13
5.46
0.61
0.89
6.22
6.73
0.89
2.67 REF
0.51 BSC
10.41
1.78
2.03
1.02
2.28 BSC
A1
b
b3
c2
E
D
c
H
L
L1
L2
L4
L3
e
0.00
4.95
0.46
0.46
5.33
6.35
9.40
1.40
0.89
--
0.64
c2
SEE VIEW B
A
b3
A
A
e
E
BASE METAL
WITH PLATING
b
SECTION A-A
SEATING PLANE
VIEW B
L
L1
GAUGE PLANE
θ


同様の部品番号 - SS6117A-18GYTR

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
SS610 FRONTIER-SS610 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS610 ASEMI-SS610 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS610-LFR FRONTIER-SS610-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Sensitron
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
logo
Frontier Electronics.
SS610B FRONTIER-SS610B Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - SS6117A-18GYTR

メーカー部品番号データシート部品情報
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122_14 Datasheet
256Kb / 5P
   1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com