データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS6431GUNTR データシート(PDF) 3 Page - Silicon Standard Corp.

部品番号 SS6431GUNTR
部品情報  Adjustable High-Precision Shunt Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6431GUNTR データシート(HTML) 3 Page - Silicon Standard Corp.

  SS6431GUNTR Datasheet HTML 1Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 2Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 3Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 4Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 5Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 6Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 7Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 8Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.SiliconStandard.com
3 of 11
SS6431G
TEST CIRCUITS
VREF
IREF
IZ
VZ
IIN
IN
SS6431G
R2
R1
VREF
IREF
IZ
VZ
IN
IIN
SS6431G
Z=VREF(1+R1/R2)+IREFxR1
Fig. 1 Test Circuit for VZ=VREF
Fig. 2 Test Circuit for VZ>VREF
IN
VZ
IZ(OFF)
SS6431G
Fig. 3 Test Circuit for off-state Current
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
VZ=VREF,
Reference Voltage
IIN =10mA (Fig.1)
V REF
2.482
2.495
2.508
V
VZ = VREF , IIN =10mA,
TA = 0
°C~ +70°C (Fig. 1)
9.0
20
Deviation of Reference
Input Voltage Over
Temperature (Note 3)
TA = -40
°C~ +85°C (Fig. 1)
VDEV
9.0
50
mV
∆VZ=10V-VREF
-0.5
-2.0
mV/V
Ratio of the Change in Ref-
erence Voltage to the
Change in Cathode voltage
IZ=10mA
(Fig. 2)
∆VZ=30V-10V
∆V
REF
∆V
Z
-0.35
-1.5
mV/V
2/10/2005 Rev.2.10


同様の部品番号 - SS6431GUNTR

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
SS64 FRONTIER-SS64 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS64 ASEMI-SS64 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS64-LFR FRONTIER-SS64-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6401 SSC-SS6401 Datasheet
481Kb / 6P
   Step-Down DC/DC Controller with Shutdown
SS6401SRB SSC-SS6401SRB Datasheet
481Kb / 6P
   Step-Down DC/DC Controller with Shutdown
More results

同様の説明 - SS6431GUNTR

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM1431A NJRC-NJM1431A_10 Datasheet
116Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2820 NJRC-NJM2820 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM1431A NJRC-NJM1431A Datasheet
76Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2373 NJRC-NJM2373 Datasheet
128Kb / 5P
   Adjustable High Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com