データシートサーチシステム |
|
SS6526-1GSTB データシート(PDF) 4 Page - Silicon Standard Corp. |
|
SS6526-1GSTB データシート(HTML) 4 Page - Silicon Standard Corp. |
4 / 12 page 10/23/2007 Rev.1.00 www.SiliconStandard.com 4 ELECTRICAL CHARACTERISTICS (VIN= 5V, TA=25°C, unless otherwise specified.) (Note 1) PARAMETERS CONDITIONS MIN. TYP. MAX. UNIT Supply Current VCTL =Logic “0”, OUT=Open VCTL =Logic “1”, OUT=Open 0.75 110 5 160 µA Control Input Voltage VCTL =Logic “0” VCTL =Logic “1” 2.4 0.8 V Control Input Current VCTL =Logic “0” VCTL =Logic “1” 0.01 0.01 1 1 µA Control Input Capacitance 1 pF Output MOSFET Resistance 110 150 m Ω Output Turn-On Rise Delay RL = 10Ω each Output 100 µS Output Turn-On Rise Time RL = 10Ω each Output 1000 2500 µS Output Turn-Off Delay RL = 10Ω each Output 0.8 20 µS Output Turn-Off Fall Time RL = 10Ω each Output 0.7 20 µS Output Leakage Current 10 µA Current Limit Threshold 0.6 1.0 1.25 A Over Temperature Shutdown Threshold TJ Increasing TJ Decreasing 135 125 °C Error Flag Output Resistance VIN = 5V, IL =10 mA VIN = 3.3V, IL =10mA 10 15 25 40 Ω Error Flag Off Current VFLG = 5V 0.01 1 µA UVLO Threshold VIN Increasing VIN Decreasing 2.6 2.4 V Note 1: Specifications are production tested at TA=25°C. Specifications over the -40°C to 85°C operating temperature range are assured by design, characterization and correlation with Statistical Quality Controls (SQC). SS6526 |
同様の部品番号 - SS6526-1GSTB |
|
同様の説明 - SS6526-1GSTB |