データシートサーチシステム |
|
SS6639-27CXTR データシート(PDF) 6 Page - Silicon Standard Corp. |
|
SS6639-27CXTR データシート(HTML) 6 Page - Silicon Standard Corp. |
6 / 12 page www.SiliconStandard.com 6 of 12 SS6639 n TYPICAL PERFORMANCE CHARACTERISTICS (Continued) Output Current (mA) 0 20 40 60 80 100 120 140 160 0.0 0.2 0.4 0.6 0.8 1.0 1.2 Fig. 11 SS6639-33 Start-up & Hold-on Voltage (L=33 µH) Start up Hold on Output Current (mA) Fig. 12 SS6639-50 Start-up & Hold-on Voltage (L=33uH) 0 20 40 60 80 100 120 140 160 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 Start up Hold on Output Current (mA) 0 20 40 60 80 100 120 140 160 0.0 0.2 0.4 0.6 0.8 1.0 1.2 Fig. 13 SS6639-33 Start-up & Hold-on Voltage (L=33 µH) Start up Hold on Output Current (mA) Fig. 14 SS6639-50 Start-up & Hold-on Voltage (L=33uH) 0 20 40 60 80 100 120 140 160 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 Start up Hold on Output Current (mA) -40 -20 0 20 40 60 80 100 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 Fig. 15 SS6639 Output Voltage vs. Temperature VOUT = 3.3V VOUT = 3.0V VOUT = 2.7V VOUT =5.0V Output Current (mA) -40 -20 0 20 40 60 80 100 85 90 95 100 105 110 115 120 125 130 135 Fig. 16 SS6639 Switching Frequency vs.Temperature VOUT = 5.0V VOUT = 3.3V VOUT = 3.0V VOUT = 2.7V Rev.2.01 6/26/2003 |
同様の部品番号 - SS6639-27CXTR |
|
同様の説明 - SS6639-27CXTR |