データシートサーチシステム |
|
1N4730A データシート(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
|
1N4730A データシート(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
1 / 3 page 1N47-SERIES ZENER DIODES Zener Voltage:3.3-100V Peak Pulse Power:1.0W Case: JEDEC DO-41(GLASS) molded glass body Terminals: Plated axial leads, solderable per MIL-STD 750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce,0.35 grams FEATURE MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS C Zener Current see Table Characteristics Power Dissipation at Tamb=25 C(Note 1) Junction Temperature Storage Temperature Range Thermal resistance junction ambient(Note 1) Forward voltage at IF=200mA SYMBOLS UNITS VALUE mW C/W V Ratings at 25 C ambient temperature unless otherwise specified. Note 1: Valid provided that leads at a distance of 10mm from case are kept at ambient temperature Ptot Tj TSTG RqJA VF C 1000 200 -65 to + 200 170 1.2 Low zener impedance Low regulation factor Glass passivated junction High temperature soldering guaranteed: 260 C/10S/9.5mm lead length at 5 lbs tension 0.107(2.7) 0.080(2.0) 0.034(0.86) 0.028(0.71) 0.217 (5.51) 0.160(4.06) 1.10(27.9) MIN. Dimensions in inches and (millimeters) DO-41(GLASS) 1.10(27.9) MIN. www.shunyegroup.com |
同様の部品番号 - 1N4730A |
|
同様の説明 - 1N4730A |