データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X25401 データシート(PDF) 7 Page - Xicor Inc.

部品番号 X25401
部品情報  SPI Serial AUTOSTORE??NOVRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XICOR [Xicor Inc.]
ホームページ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25401 データシート(HTML) 7 Page - Xicor Inc.

Back Button X25401 Datasheet HTML 3Page - Xicor Inc. X25401 Datasheet HTML 4Page - Xicor Inc. X25401 Datasheet HTML 5Page - Xicor Inc. X25401 Datasheet HTML 6Page - Xicor Inc. X25401 Datasheet HTML 7Page - Xicor Inc. X25401 Datasheet HTML 8Page - Xicor Inc. X25401 Datasheet HTML 9Page - Xicor Inc. X25401 Datasheet HTML 10Page - Xicor Inc. X25401 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
X25401
7
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS ....................................... –1V to +7V
D.C. Output Current ............................................. 5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
2051 PGM T02.1
Supply Voltage
Limits
X25401
5V
±10%
2051 PGM T03.2
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.
ENDURANCE AND DATA RETENTION
Parameter
Min.
Units
Endurance
100,000
Data Changes Per Bit
Store Cycles
1,000,000
Store Cycles
Data Retention
100
Years
2051 PGM T05
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
lCC1
VCC Supply Current
10
mA
SCK = 0.4V/2.4V Levels @ 1MHz,
(TTL Inputs)
SO = Open, All Other Inputs = VIH
ICC2
VCC Supply Current
2
mA
All Inputs = VIH, CS = VIL
(During AUTOSTORE)
SO = Open, VCC = 4.3V
ISB1
VCC Standby Current
1
mA
SO = Open,
CS = VIL,
(TTL Inputs)
All Other Inputs = VIH
ISB2
VCC Standby Current
50
µA
SO = Open,
CS = VSS
(CMOS Inputs)
All Other Inputs = VCC – 0.3V
ILI
Input Load Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC
VlL(1)
Input LOW Voltage
–1
0.8
V
VIH(1)
Input HIGH Voltage
2
VCC + 1
V
VOL
Output LOW Voltage
0.4
V
IOL = 4.2mA
VOH
Output HIGH Voltage
2.4
V
IOH = –2mA
VOL(AS)
Output LOW Voltage (AS)
0.4
V
IOL (AS) = 1mA
2051 PGM T04.3
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
Symbol
Parameter
Max.
Units
Test Conditions
COUT(2)
Output Capacitance
8
pF
VOUT = 0V
CIN(2)
Input Capacitance
6
pF
VIN = 0V
2051 PGM T06.2


同様の部品番号 - X25401

メーカー部品番号データシート部品情報
logo
Solarflare Communicatio...
X2541 SOLARFLARE-X2541 Datasheet
288Kb / 2P
   The World?셲 Lowest Latency 100G Ethernet NIC
More results

同様の説明 - X25401

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X24C45 INTERSIL-X24C45 Datasheet
192Kb / 12P
   Serial AUTOSTORE NOVRAM
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
XM20C64 XICOR-XM20C64 Datasheet
60Kb / 11P
   High Speed AUTOSTORE??NOVRAM
X20C17 XICOR-X20C17 Datasheet
47Kb / 11P
   High Speed AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL