データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS6781ACNTR データシート(PDF) 11 Page - Silicon Standard Corp.

部品番号 SS6781ACNTR
部品情報  Battery Charger Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781ACNTR データシート(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6781ACNTR Datasheet HTML 7Page - Silicon Standard Corp. SS6781ACNTR Datasheet HTML 8Page - Silicon Standard Corp. SS6781ACNTR Datasheet HTML 9Page - Silicon Standard Corp. SS6781ACNTR Datasheet HTML 10Page - Silicon Standard Corp. SS6781ACNTR Datasheet HTML 11Page - Silicon Standard Corp. SS6781ACNTR Datasheet HTML 12Page - Silicon Standard Corp. SS6781ACNTR Datasheet HTML 13Page - Silicon Standard Corp. SS6781ACNTR Datasheet HTML 14Page - Silicon Standard Corp. SS6781ACNTR Datasheet HTML 15Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.SiliconStandard.com
11 of 18
SS6781A(G)
1/11/2005 Rev.2.10
TABLE 2
BATTERY
CELLS
RA/RB
RA (K
Ω)
RB (K
Ω)
2~4
2
240
120
3~6
3.3
300
91
4~8
4.9
300
62
5~10
6.4
300
47
6~12
7.8
310
39
8~16
10.8
390
36
For SEL3 < (VCC/2) -0.4V, the suggested divider
resistance of RA and RB for the corresponding
number of battery cells are as below:
TABLE 3
BATTERY
CELLS
RA/RB
RA(K
Ω)
RB (K
Ω)
2
1
240
240
3
2
240
120
4
3
240
80
5
4
300
75
6
5
300
60
8
7
360
51
10
9
360
40
12
11
390
36
16
15
410
27
Battery Temperature Measurement
The SS6781A employs a negative temperature
coefficient
(NTC)
thermistor
to
measure
the
battery’s temperature. The thermistor is inherently
nonlinear with respect to temperature. To reduce
the effect of nonlinearity, a resistor-divider network
in parallel with the thermistor is recommended. A
typical application circuit is shown in Fig. 18.
VBAT
4
Rx
C7
VCC
Ry
5
VCC
GND
12
VTS
SS6781A
Fig. 18
Battery Temperature Sense Circuit
with a Negative Temperature Coefficient
(NTC) Thermistor


同様の部品番号 - SS6781ACNTR

メーカー部品番号データシート部品情報
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
SS6781BCNTB SSC-SS6781BCNTB Datasheet
584Kb / 20P
   Battery Charge Controller
SS6781BCNTR SSC-SS6781BCNTR Datasheet
584Kb / 20P
   Battery Charge Controller
SS6781BCSTB SSC-SS6781BCSTB Datasheet
584Kb / 20P
   Battery Charge Controller
SS6781BCSTR SSC-SS6781BCSTR Datasheet
584Kb / 20P
   Battery Charge Controller
More results

同様の説明 - SS6781ACNTR

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
   Smart Battery Charger Controller
logo
Renesas Technology Corp
M62254FP RENESAS-M62254FP Datasheet
233Kb / 12P
   Standard Battery Charger Controller
logo
Linear Technology
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
   Smart Battery Charger Controller
logo
Mitsubishi Electric Sem...
M62254FP MITSUBISHI-M62254FP Datasheet
68Kb / 6P
   Standard Battery Charger Controller
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Linear Technology
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101 Datasheet
296Kb / 28P
   Smart Battery Charger Controller
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
   Lithium-Ion Battery Charger Controller
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
[Old version datasheet]   Lithium-Ion Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com