データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS6783AGNTR データシート(PDF) 10 Page - Silicon Standard Corp.

部品番号 SS6783AGNTR
部品情報  Battery Charge Controller for Low Power Charging
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6783AGNTR データシート(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6783AGNTR Datasheet HTML 4Page - Silicon Standard Corp. SS6783AGNTR Datasheet HTML 5Page - Silicon Standard Corp. SS6783AGNTR Datasheet HTML 6Page - Silicon Standard Corp. SS6783AGNTR Datasheet HTML 7Page - Silicon Standard Corp. SS6783AGNTR Datasheet HTML 8Page - Silicon Standard Corp. SS6783AGNTR Datasheet HTML 9Page - Silicon Standard Corp. SS6783AGNTR Datasheet HTML 10Page - Silicon Standard Corp. SS6783AGNTR Datasheet HTML 11Page - Silicon Standard Corp. SS6783AGNTR Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.SiliconStandard.com
10 of 12
SS6783A(G)
1/11/2005 Rev.2.10
TABLE 2
RTMR (kΩ)
OSC.
Freq.(kHz)
Safety timer
(min.)
11
256
10
23
131
20
48
65.8
40
74
43.1
60
100
32.8
80
152
21.6
120
206
16.0
160
314
10.6
250
491
6.89
380
667
5.04
520
Selecting Mode of Operation
The SS6783A provides three modes of operation:
normal, test, and AC mode determined by the
setting of MODE pin. The SS6783A will operate
normally when the MODE pin is left floating (a
0.1
µF capacitor is recommended to be tied to
MODE pin if the charge circuit works in a noisy
environment). When the MODE pin is biased to
GND, the function of -
∆V detection is disabled.
When the MODE pin is biased to VCC, the
SS6
783A enters the test mode. The test mode can
be used to significantly reduce production test time.
TABLE 3
MODE pin
Mode
Function
VCC
Test
Safety timer period
scaled down to 1/32
Floating
Normal Normal operation
GND
AC
-
∆V detection disabled
Display the Battery Charging Status
The SS6783A provides an open-drain output at the
LED pin, to indicate the battery charging status. The
outputs of LED pin are shown in the following table:
Power
ON
Fast
Charging
Charge
Completed
Fault
Conditions
LED
1Hz
4Hz
Flashing
ON
OFF
Charging Current Control
As shown in the typical application circuit, the
SS6
783A offers an open-drain output at the ICON
pin, to control the charging current flow in fast
charge state and switch on to inhibit the charging
current flow in fault conditions. When fast charge is
completed, the SS6783A enters the trickle charge
mode. In trickle charge mode, the ICON pin output
switches with 1/128 duty cycle.
Power
ON
Fast
Charging
Charge
Completed
Fault
Conditions
ICON
ON
OFF
1/128
Duty cycle
ON


同様の部品番号 - SS6783AGNTR

メーカー部品番号データシート部品情報
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
   Battery Charger Controller
SS6781ACNTB SSC-SS6781ACNTB Datasheet
844Kb / 18P
   Battery Charger Controller
SS6781ACNTR SSC-SS6781ACNTR Datasheet
844Kb / 18P
   Battery Charger Controller
SS6781ACSTB SSC-SS6781ACSTB Datasheet
844Kb / 18P
   Battery Charger Controller
SS6781ACSTR SSC-SS6781ACSTR Datasheet
844Kb / 18P
   Battery Charger Controller
More results

同様の説明 - SS6783AGNTR

メーカー部品番号データシート部品情報
logo
Analog Intergrations Co...
AIC1783A AIC-AIC1783A Datasheet
206Kb / 13P
   Battery Charge Controller for Low Power Charging
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
   Battery Charge Controller
logo
ON Semiconductor
DN05132 ONSEMI-DN05132 Datasheet
647Kb / 4P
   LiB Charge/Discharge Controller for Charging Cradle Systems
December 2019, Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com