データシートサーチシステム |
|
SS6821-CCVTR データシート(PDF) 2 Page - Silicon Standard Corp. |
|
SS6821-CCVTR データシート(HTML) 2 Page - Silicon Standard Corp. |
2 / 10 page www.SiliconStandard.com 2 of 10 SS6821 ORDERING INFORMATION PIN CONFIGURATION Example: SS6821-A CV TR à 4.35V version, in SOT-23-5 package shipped in tape and reel SOT-23-5 TOP VIEW VCC OD GND CS OC 3 2 1 4 5 Packing: TR: Tape and reel Package type V: SOT-23-5 Overcharge protection: A: 4.35V B: 4.30V C: 4.25V D: 4.20V ABSOLUTE MAXIMUM RATINGS Supply Voltage....................................………………….................................................... 18V DC Voltage Applied on other Pins ...............………………………….............................. 18V Charger Voltage ..............……………………….……………………................................ 14V Operating Temperature Range .....................................……………….............. -40 °C~85°C Storage Temperature Range .........................…………………..................... - 65 °C~125°C TEST CIRCUIT 100K ICC VOC R3 10M VOD VCC VCS R2 5 4 3 2 1 C1 0.1 µF R1 100 OC CS OD GND VCC SS6821 SS6821-XCXXX 12/6/2004 Rev.2.02 |
同様の部品番号 - SS6821-CCVTR |
|
同様の説明 - SS6821-CCVTR |