データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS6896CGBG データシート(PDF) 6 Page - Silicon Standard Corp.

部品番号 SS6896CGBG
部品情報  1.4MHz Current-Mode Step-Up DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6896CGBG データシート(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6896CGBG Datasheet HTML 2Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 3Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 4Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 5Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 6Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 7Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 8Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 9Page - Silicon Standard Corp. SS6896CGBG Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.SiliconStandard.com
6 of 12
Rev.2.01 6/06/2003
SS6896
Typical Performance Characteristics (Continued)
Fig. 13 Operation Wave Form
(VIN=5V; VOUT=12V, L1=22µH; R1=105K;
R2=12K;C3=1nF;IOUT=200mA)
VOUT
VSW
ILX
Fig. 14 Start-Up from Shutdown
(VIN=3.3V ;VOUT=13V ;RLOAD=300Ω)
VOUT
SHDN
ILX
Fig. 15 Load Step Response
(VIN=3.3V; VOUT =5V;L1=10uH; IOUT=5mA to 200mA)
VOUT
ILX
Fig. 16 Load Step Response
(VIN=5V ; VOUT=12V ;L1=22uH; IOUT=5mA to 150mA)
VOUT
ILX


同様の部品番号 - SS6896CGBG

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
SS68 FRONTIER-SS68 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS68 ASEMI-SS68 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS68-LFR FRONTIER-SS68-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802AGSTB SSC-SS6802AGSTB Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
More results

同様の説明 - SS6896CGBG

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
logo
Linear Technology
LT1618 LINER-LT1618_1 Datasheet
210Kb / 16P
   Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
   1.0MHz Current-Mode Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com