データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS8021GTB データシート(PDF) 2 Page - Silicon Standard Corp.

部品番号 SS8021GTB
部品情報  Stereo Headphone Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8021GTB データシート(HTML) 2 Page - Silicon Standard Corp.

  SS8021GTB Datasheet HTML 1Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 2Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 3Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 4Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 5Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 6Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 7Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.SiliconStandard.com
2 of 8
SS8021
8/21/2004 Rev.2.01
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Note1)
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VDD
Supply voltage
0
7.0
V
Tstg
Storage temperature
-65
+150
°C
Tamb
Operating ambient temperature
-40
+85
°C
ESD
ESD voltage
HBM
-
2
KV
Notes:
1. Absolute Maximum Ratings are limits beyond which damage to the device may occur.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
Thermal resistance from junction to ambient in free air SO8
240
°C/W
TEST AND APPLICATION INFORMATION
Fig.1 Measurement circuit for inverting application
_
+
1
2
3
4
5
6
7
8
OUTA
INA(neg)
INA(pos)
V
SS
V
DD
OUTB
INB(neg)
INB(pos)
_
+
_
+
SS8021
1
2
3
4
5
6
7
8
OUTA
INA(neg)
INA(pos)
V
SS
V
DD
OUTB
INB(neg)
INB(pos)
_
+
2
3
V
DD
V
INA
V
INB
5
6
74
18
+
220µF
V
OUTA
R
L
+
C6
100µF
220µF
+
R
L
V
OUTB
2.2µF
2.2µF
1µF
_
+
2
3
V
DD
V
INA
3.9k
3.9k
V
INB
3.9k
5
6
74
18
SS8021
3.9k
+
220µF
V
OUTA
R
L
+
C6
100µF
220µF
+
R
L
V
OUTB
2.2µF
2.2µF
100k
100k
1µF


同様の部品番号 - SS8021GTB

メーカー部品番号データシート部品情報
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8026T21TB SSC-SS8026T21TB Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8026T21TR SSC-SS8026T21TR Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8026T22TB SSC-SS8026T22TB Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
More results

同様の説明 - SS8021GTB

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com