データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS8053-12GT6TR データシート(PDF) 1 Page - Silicon Standard Corp.

部品番号 SS8053-12GT6TR
部品情報  1.5A Ultra Low Dropout Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8053-12GT6TR データシート(HTML) 1 Page - Silicon Standard Corp.

  SS8053-12GT6TR Datasheet HTML 1Page - Silicon Standard Corp. SS8053-12GT6TR Datasheet HTML 2Page - Silicon Standard Corp. SS8053-12GT6TR Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.SiliconStandard.com
1 of 3
SS8053G
9/27/2006 Rev.1.01
1.5A Ultra Low Dropout Regulator
FEATURES
Fixed output voltages of 1.2/1.5/1.8/2.5/3.3V
Output current up to 1.5A
Over-current and over-temperature protection
Low dropout voltage 500mV @ 1.5A
Low ground current
SOT-223 package
APPLICATIONS
Battery powered systems
Motherboards
Peripheral cards
Network cards
Set Top Boxes
Notebook Computers
DESCRIPTION
The
SS8053G is a high performance positive voltage
regulator designed for use in applications requiring
very low dropout voltage at up to 1.5 Amps.
The
SS8053G features 500mV dropout voltages and very
low ground current. Although designed for high current
loads, these devices are also useful in lower current,
extremely low dropout-critical systems, where their
minimal dropout voltage and ground current values are
important characteristics.
The
SS8053G provides excellent regulation over variations
in line, load and temperature.
ORDERING INFORMATION
PIN CONFIGURATION AND MARKING
SS8053-xxGT6 XX
TYPICAL APPLICATION CIRCUIT
1
2
3
3.3V
22µF
VIN
VO
GND
47µF
VIN GND VO
3.3V
22µF
VIN
VO
GND
Pb-free; RoHS compliant.
Packing:
TR: Tape and reel
Output voltage:
12: 1.2V
15: 1.5V
18: 1.8V
25: 2.5V
33: 3.3V
1
.5V
47µF
G953-XX
G953-xx = SS8053-xxG
YWWS
DATE/LOT CODE:
Y = year: H=2005, I=2006, J=2007, ...
WW = work week (01 -> 52)
S = lot code sequence


同様の部品番号 - SS8053-12GT6TR

メーカー部品番号データシート部品情報
logo
Wing Shing Computer Com...
SS8050 WINGS-SS8050 Datasheet
58Kb / 1P
   TRANSISTOR (NPN)
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
199Kb / 6P
   NPN Epitaxial Silicon Transistor
November 2014
logo
MAKO SEMICONDUCTOR CO.,...
SS8050 MAKOSEMI-SS8050 Datasheet
82Kb / 2P
   Complimentary to SS8550
logo
Microdiode Electronics ...
SS8050 CHENDA-SS8050 Datasheet
923Kb / 3P
   NPN Silicon Epitaxial Planar Transistors
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
   2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
More results

同様の説明 - SS8053-12GT6TR

メーカー部品番号データシート部品情報
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150 Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Power Analog Micoelectr...
PAM3108 PAM-PAM3108 Datasheet
431Kb / 10P
   Maximum 1.5A, Ultra Low Dropout Regulator
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com