データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS8047GT36TR データシート(PDF) 5 Page - Silicon Standard Corp.

部品番号 SS8047GT36TR
部品情報  2.5V 1A Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8047GT36TR データシート(HTML) 5 Page - Silicon Standard Corp.

  SS8047GT36TR Datasheet HTML 1Page - Silicon Standard Corp. SS8047GT36TR Datasheet HTML 2Page - Silicon Standard Corp. SS8047GT36TR Datasheet HTML 3Page - Silicon Standard Corp. SS8047GT36TR Datasheet HTML 4Page - Silicon Standard Corp. SS8047GT36TR Datasheet HTML 5Page - Silicon Standard Corp. SS8047GT36TR Datasheet HTML 6Page - Silicon Standard Corp. SS8047GT36TR Datasheet HTML 7Page - Silicon Standard Corp. SS8047GT36TR Datasheet HTML 8Page - Silicon Standard Corp. SS8047GT36TR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.SiliconStandard.com
5 of 11
Rev.2.02 7/06/2004
SS8047
Typical Performance Characteristics
(VIN= +3.3V, CIN=1µF, COUT=10µF, TA=25°C, unless otherwise noted.)
Output Voltage vs. Load Current
2.500
2.505
2.510
2.515
2.520
2.525
2.530
2.535
2.540
2.545
2.550
0
50 100 150 200 250 300 350 400 450 500 550 600
Load Current (mA)
Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
350
400
450
500
0
50
100 150 200 250 300 350 400 450 500 550 600
Load Current (mA)
Ground Current vs. Load Current
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
100
200
300
400
500
600
Load Current (mA)
Line Transient
Load Transient
Ch1: Vin (offset=3.3V)
Ch2: Vout (offset=2.50V)
CIN = 1uF
Iout=100mA
Ch1: Iout (400mA/div)
Ch2: Vout is AC coupled


同様の部品番号 - SS8047GT36TR

メーカー部品番号データシート部品情報
logo
Silicon Standard Corp.
SS8044 SSC-SS8044 Datasheet
188Kb / 5P
   3.3V 600mA Low Dropout Regulator
SS8046 SSC-SS8046 Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
SS8046TF1TB SSC-SS8046TF1TB Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
SS8046TH1TB SSC-SS8046TH1TB Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
More results

同様の説明 - SS8047GT36TR

メーカー部品番号データシート部品情報
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
   2.5V 1A Regulator
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
   2.5V 1A Regulator
logo
TAITRON Components Inco...
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
78DXXA UTC-78DXXA_15 Datasheet
368Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com