データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS8037H308GT73 データシート(PDF) 1 Page - Silicon Standard Corp.

部品番号 SS8037H308GT73
部品情報  Microprocessor Reset IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8037H308GT73 データシート(HTML) 1 Page - Silicon Standard Corp.

  SS8037H308GT73 Datasheet HTML 1Page - Silicon Standard Corp. SS8037H308GT73 Datasheet HTML 2Page - Silicon Standard Corp. SS8037H308GT73 Datasheet HTML 3Page - Silicon Standard Corp. SS8037H308GT73 Datasheet HTML 4Page - Silicon Standard Corp. SS8037H308GT73 Datasheet HTML 5Page - Silicon Standard Corp. SS8037H308GT73 Datasheet HTML 6Page - Silicon Standard Corp. SS8037H308GT73 Datasheet HTML 7Page - Silicon Standard Corp. SS8037H308GT73 Datasheet HTML 8Page - Silicon Standard Corp. SS8037H308GT73 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.SiliconStandard.com
1 of 9
Microprocessor Reset IC
FEATURES
Precision monitoring of +3V, +3.3V, and +5V
power-supply voltages
Fully specified over temperature
Available in three output configurations
Push-pull
RESET output (SS8037L)
Push-pull RESET output (SS8037H)
Open-drain RESET output (SS8038L)
Power-on reset pulse width of 140ms min
Supply current of 10µA
Guaranteed reset valid to VCC = +1V
Power supply transient immunity
No external components
SOT23-3 package
APPLICATIONS
Computers
Controllers
Intelligent instruments
Critical µP and µC power monitoring
Portable / battery-powered equipment
Automotive
DESCRIPTION
The SS8037/8 are microprocessor (µP) supervisory
circuits used to monitor the power supplies in µP and
digital systems. They provide excellent circuit reliability
and low cost by eliminating external components and
adjustments when used with +5V, +3.3V, +3.0V- pow-
ered circuits.
These circuits perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for at least
140ms after VCC has risen above the reset threshold.
Reset thresholds suitable for operation with a variety of
supply voltages are available.
The SS8038L has an open-drain output stage, while the
SS8037H/L have push-pull outputs. The SS8038L’s
open-drain RESET output requires a pull-up resistor
that can be connected to a voltage higher than VCC. The
SS8037L has an active-low
RESET
output, while the
SS8037H has an active-high RESET output. The reset
comparator is designed to ignore fast transients on VCC,
and the outputs are guaranteed to be in the correct logic
state for VCC down to 1V.
Low supply current makes the SS8037/8 ideal for use
in portable equipment. They are available in a 3-pin
SOT23-3 package.
PIN CONFIGURATION
TYPICAL APPLICATION
RESET
INPUT
GND
µP
V
CC
RESET
(RESET)
GND
V
CC
R
PULL-UP
V
CC
*
*SS8038 ONLY
SOT23-3
1
2
3
RESET
INPUT
GND
µP
V
CC
RESET
(RESET)
GND
SS8037/8
V
CC
This device is supplied with Pb-free lead finish (second-level interconnect).
SS8037/8(G)
10/6/2004 Rev.2.20


同様の部品番号 - SS8037H308GT73

メーカー部品番号データシート部品情報
logo
Silicon Standard Corp.
SS8039 SSC-SS8039 Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H263TCTR SSC-SS8039H263TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H293TCTR SSC-SS8039H293TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H308TCTR SSC-SS8039H308TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H400TCTR SSC-SS8039H400TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
More results

同様の説明 - SS8037H308GT73

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com