データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS8219G データシート(PDF) 1 Page - Silicon Standard Corp.

部品番号 SS8219G
部品情報  Ultra320 Multi-mode LVD/SE SCSI Terminator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8219G データシート(HTML) 1 Page - Silicon Standard Corp.

  SS8219G Datasheet HTML 1Page - Silicon Standard Corp. SS8219G Datasheet HTML 2Page - Silicon Standard Corp. SS8219G Datasheet HTML 3Page - Silicon Standard Corp. SS8219G Datasheet HTML 4Page - Silicon Standard Corp. SS8219G Datasheet HTML 5Page - Silicon Standard Corp. SS8219G Datasheet HTML 6Page - Silicon Standard Corp. SS8219G Datasheet HTML 7Page - Silicon Standard Corp. SS8219G Datasheet HTML 8Page - Silicon Standard Corp. SS8219G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.SiliconStandard.com
1 of 10
SS8219G
12/06/2005 Rev.3.01
Ultra320 Multi-mode LVD/SE SCSI Terminator
PRODUCT SUMMARY
Auto-selectable single-ended or LVD termination
Meets SCSI-1, SCSI-2, SCSI-3 SPI Ultra (Fast-20),
Ultra 2 (SPI-2 LVD), Ultra160 (SPI-3 LVD)
and Ultra320 (SPI-4 LVD) standards
Supports active negation
Channel capacitance of 3pF
Operation from 2.9V to 5.5V
Thermal protection
Hot-swap compatible
Tolerance of 5% on termination resistance
Available in 28 pin TSSOP or 36 pin SSOP
APPLICATIONS
High performance data storage systems in servers,
workstations, high-end and industrial PCs, and RAID
disk arrays.
DESCRIPTION
The SS8219G multi-mode LVD/SE SCSI terminator
provides a smooth transition between modes of the
SCSI Parallel Interface. It automatically senses the bus
via DIFFSENS and switches the termination to either
single-ended (SE) or low voltage differential (LVD) SCSI,
based on which type of devices are connected to the bus.
If the SS8219G detects an HVD SCSI device, it switches
to a high impedance state.
A 16-bit wide SCSI bus requires three SS8219G for
termination.
This multi-mode terminator contains all the functions
to terminate, auto detect and switch modes for SCSI
Parallel Interface (SPI) bus architectures.
For SE termination, one regulator and nine precision 110
resistors are used.
For LVD termination, the SS8219G integrates 18 regulated
supplies with nine precision resistor strings.
PIN CONFIGURATION
R1-
R1+
R2-
NC/ HS GND
R3+
R3-
R4+
R4-
R5+
R5-
DISCNCT
GND
TPWR
R9-
R9+
R8+
R8-
R7-
R6-
R6+
DIFFB
DIFFSENSE
M/S
VREF
R2+
TPWR
R7+
1
2
3
4
28
27
26
25
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
18
17
16
15
R1-
R1+
R2-
NC/ HS GND
R3+
R3-
R4+
R4-
R5+
R5-
DISCNCT
GND
TPWR
R9-
R9+
R8+
R8-
R7-
R6-
R6+
DIFFB
DIFFSENSE
M/S
28 pin TSSOP
VREF
R2+
TPWR
R7+
1
2
3
4
28
27
26
25
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
18
17
16
15
NC/ HS GND
1
2
3
4
28
27
26
25
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
16
17
15
18
33
32
31
30
29
36
35
34
NC
NC
R1+
R1-
R2-
HS/GND
HS/GND
R3+
R3-
R4+
R4-
R5+
R5-
DISCNCT
GND
TPWR
HVD
LVD
SE
R9-
R9+
R8-
R8+
HS/GND
HS/GND
HS/GND
R7-
R7+
R6-
R6+
DIFFB
DIFFSENSE
M/S
VREF
R2+
HS/GND
36 pin SSOP
1
2
3
4
28
27
26
25
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
16
17
15
18
33
32
31
30
29
36
35
34
Pb-free, RoHS compliant.
SPI mode auto-detection/switching.
Pin/pin compatible with popular industry
standard parts DS2118/9 and UCC5672
FEATURES


同様の部品番号 - SS8219G

メーカー部品番号データシート部品情報
logo
Silicon Standard Corp.
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8218-D3TB SSC-SS8218-D3TB Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8218-D3TR SSC-SS8218-D3TR Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8218-S4TB SSC-SS8218-S4TB Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8218-S4TR SSC-SS8218-S4TR Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
More results

同様の説明 - SS8219G

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G220 GMT-G220 Datasheet
193Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
HP7501 ETC1-HP7501 Datasheet
209Kb / 9P
   Ultra320 LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
   Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218B GMT-G218B Datasheet
188Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
   Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com