データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ17A データシート(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

部品番号 SMAJ17A
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SY [Shanghai Shunye Electronics Co.,Ltd.]
ホームページ  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

SMAJ17A データシート(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  SMAJ17A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SMAJ17A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SMAJ17A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. SMAJ17A Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
SMAJ5.0
SMAJ5.0A
SMAJ6.0
SMAJ6.0A
SMAJ6.5
SMAJ6.5A
SMAJ7.0
SMAJ7.0A
SMAJ7.5
SMAJ7.5A
SMAJ8.0
SMAJ8.0A
SMAJ8.5
SMAJ8.5A
SMAJ9.0
SMAJ9.0A
SMAJ10
SMAJ10A
SMAJ11
SMAJ11A
SMAJ12
SMAJ12A
SMAJ13
SMAJ13A
SMAJ14
SMAJ14A
SMAJ15
SMAJ15A
SMAJ16
SMAJ16A
SMAJ17
SMAJ17A
SMAJ18
SMAJ18A
SMAJ20
SMAJ20A
SMAJ22
SMAJ22A
SMAJ24
SMAJ24A
SMAJ26
SMAJ26A
SMAJ28
SMAJ28A
SMAJ30
SMAJ30A
Device
Devlce
Marking Code
UNI
BI
Test
Current
IT(mA)
Maximum
Reverse
Leakage
a VWM
ID(mA)
Maximum
Peak Puls
Reverse Current
IPPM(NOTE5)
(Amps)
Maximum
Clamping
Voltage at
IPPM Vc
(Volts)(NOTE5)
Breakdown Voltage
V(BR)
(Volts) at IT
MIN
MAX
Working Peak
Reverse Voltage
VWM(Volts)
6.40
6.40
6.67
6.67
7.22
7.22
7.78
7.78
8.33
8.33
8.89
8.89
9.44
9.44
10.0
10.0
11.1
11.1
12.2
12.2
13.3
13.3
14.4
14.4
15.6
15.6
16.7
16.7
17.8
17.8
18.9
18.9
20.0
20.0
22.2
22.2
24.4
24.4
26.7
26.7
28.9
28.9
31.1
31.1
33.3
33.3
7.81
7.08
8.15
7.37
8.82
7.98
9.51
8.60
10.3
9.21
10.9
9.83
11.5
10.4
12.2
11.1
13.6
12.3
14.9
13.5
16.3
14.7
17.6
15.9
19.1
17.2
20.4
18.5
21.8
19.7
23.1
20.9
24.4
22.1
27.1
24.5
29.8
26.9
32.6
29.5
35.3
31.9
38.0
34.4
40.7
36.8
9.6
9.2
11.4
10.3
12.3
11.2
13.3
12.0
14.3
12.9
15.0
13.6
15.9
14.4
16.9
15.4
18.8
17.0
20.1
18.2
22.0
19.9
23.8
21.5
25.8
23.2
26.9
24.4
28.8
26.0
30.5
27.6
32.2
29.2
35.8
32.4
39.4
35.5
43.0
38.9
46.6
42.1
50.0
45.4
53.5
48.4
10
10
10
10
10
10
10
10
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
31.3
32.6
26.3
29.1
24.4
26.8
22.6
25.0
21.0
23.3
20.0
22.1
18.9
20.8
17.8
19.5
16.0
17.6
14.9
16.5
13.6
15.1
12.6
14.0
11.6
12.9
11.2
12.3
10.4
11.5
9.8
10.9
9.3
10.3
8.4
9.3
7.6
8.5
7.0
7.7
6.4
7.1
6.0
6.6
5.6
6.2
800
800
800
800
500
500
200
200
100
100
50.0
50.0
10.0
10.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
AD
AE
AF
AG
AH
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BD
BE
BF
BG
BH
BK
BL
BM
BN
BP
BQ
BR
BS
BT
BU
BV
BW
BX
BY
BZ
CD
CE
CF
CG
CH
CK
WD
WE
WF
WG
WH
WK
WL
WM
WN
WP
WQ
WR
WS
WT
WU
WV
WW
WX
WY
WZ
XD
XE
XF
XG
XH
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
XV
XW
XX
XY
XZ
YD
YE
YF
YG
YH
YK
5.0
5.0
6.0
6.0
6.5
6.5
7.0
7.0
7.5
7.5
8.0
8.0
8.5
8.5
9.0
9.0
10.00
10.00
11.00
11.00
12.00
12.00
13.00
13.00
14.00
14.00
15.00
15.00
16.00
16.00
17.00
17.00
18.00
18.00
20.00
20.00
22.00
22.00
24.00
24.00
26.00
26.00
28.00
28.00
30.00
30.00
www.shunyegroup.com


同様の部品番号 - SMAJ17A

メーカー部品番号データシート部品情報
logo
MERITEK ELECTRONICS COR...
SMAJ17A MERITEK-SMAJ17A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Yangzhou yangjie electr...
SMAJ17A YANGJIE-SMAJ17A Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Jinan Gude Electronic D...
SMAJ17A JGD-SMAJ17A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMAJ17A VISHAY-SMAJ17A Datasheet
100Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
logo
Shanghai Leiditech Elec...
SMAJ17A LEIDITECH-SMAJ17A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
More results

同様の説明 - SMAJ17A

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com