データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBJ110A データシート(PDF) 3 Page - Changzhou Shunye Electronics Co.,Ltd.

部品番号 SMBJ110A
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SY [Changzhou Shunye Electronics Co.,Ltd.]
ホームページ  http://my.import.or.kr/diodecn/index.html
Logo SY - Changzhou Shunye Electronics Co.,Ltd.

SMBJ110A データシート(HTML) 3 Page - Changzhou Shunye Electronics Co.,Ltd.

  SMBJ110A Datasheet HTML 1Page - Changzhou Shunye Electronics Co.,Ltd. SMBJ110A Datasheet HTML 2Page - Changzhou Shunye Electronics Co.,Ltd. SMBJ110A Datasheet HTML 3Page - Changzhou Shunye Electronics Co.,Ltd. SMBJ110A Datasheet HTML 4Page - Changzhou Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
SMBJ33
SMBJ33A
SMBJ36
SMBJ36A
SMBJ40
SMBJ40A
SMBJ43
SMBJ43A
SMBJ45
SMBJ45A
SMBJ48
SMBJ48A
SMBJ51
SMBJ51A
SMBJ54
SMBJ54A
SMBJ58
SMBJ58A
SMBJ60
SMBJ60A
SMBJ64
SMBJ64A
SMBJ70
SMBJ70A
SMBJ75
SMBJ75A
SMBJ78
SMBJ78A
SMBJ85
SMBJ85A
SMBJ90
SMBJ90A
SMBJ100
SMBJ100A
SMBJ110
SMBJ110A
SMBJ120
SMBJ120A
SMBJ130
SMBJ130A
SMBJ150
SMBJ150A
SMBJ160
SMBJ160A
SMBJ170
SMBJ170A
Device
Devlce
Marking Code
UNI
BI
Test
Current
IT(mA)
Maximum
Reverse
Leakage
a VWM(NOTE3)
ID(mA)
Maximum
Peak Puls
Reverse Current
IPPM(NOTE 2)
(Amps)
Maximum
Clamping
Voltage at
IPPM Vc
(Volts)
Breakdown Voltage
V(BR)(NOTE 1)
(Volts) at IT
MIN
MAX
Working Peak
Reverse Voltage
VWM(Volts)
33.00
33.00
36.00
36.00
40.00
40.00
43.00
43.00
45.00
45.00
48.00
48.00
51.00
51.00
54.00
54.00
58.00
58.00
60.00
60.00
64.00
64.00
70.00
70.00
75.00
75.00
78.00
78.00
85.00
85.00
90.00
90.00
100.00
100.00
110.00
110.00
120.00
120.00
130.00
130.00
150.00
150.00
160.00
160.00
170.00
170.00
36.7
36.7
40.0
40.0
44.4
44.4
47.8
47.8
50.0
50.0
53.3
53.3
56.7
56.7
60.0
60.0
64.4
64.4
66.7
66.7
71.1
71.1
77.8
77.8
83.3
83.3
86.7
86.7
94.4
94.4
100
100
111
111
122
122
133
133
144
144
167
167
178
178
189
189
44.9
40.6
48.9
44.2
54.3
49.1
58.4
52.8
61.1
55.3
65.1
58.9
69.3
62.7
73.3
66.3
78.7
71.2
81.5
73.7
86.4
78.6
95.1
86.0
102
92.1
106
95.8
115
104
122
111
136
123
149
135
163
147
176
159
204
185
218
197
231
209
59.0
53.3
64.3
58.1
71.4
64.5
76.7
69.4
80.3
72.7
85.5
77.4
91.1
82.4
96.3
87.1
103.0
93.6
107.0
96.8
114.0
103.0
125
113
134
121
139
126
151
137
160
146
179
162
196
177
214
193
231
209
268
243
287
259
304
275
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
10.2
11.3
9.3
10.3
8.4
9.3
7.8
8.6
7.5
8.3
7.0
7.8
6.6
7.3
6.2
6.9
5.8
6.4
5.6
6.2
5.3
5.8
4.8
5.3
4.5
5.0
4.3
4.8
4.0
4.4
3.8
4.1
3.4
3.7
3.1
3.4
2.8
3.1
2.6
2.9
2.2
2.5
2.1
2.3
2.0
2.2
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
ML
MM
MN
MP
MQ
MR
MS
MT
MU
MV
MW
MX
MY
MZ
ND
NE
NF
NG
NH
NK
NL
NM
NN
NP
NQ
NR
NS
NT
NU
NV
NW
NX
NY
NZ
PD
PE
PF
PG
PH
PK
PL
PM
PN
PP
PQ
PR
CL
CM
CN
CP
CQ
CR
CS
CT
CU
CV
CW
CX
CY
CZ
DD
DE
DF
DG
DH
DK
DL
DM
DN
DP
DQ
DR
DS
DT
DU
DV
DW
DX
DY
DZ
ED
EE
EF
EG
EH
EK
EL
EM
EN
EP
EQ
ER
NOTES:
1.V(BR)measured after IT applied for 300ms,IT=square wave pulse or equivalent
2.Surge current waveform per Fig.3 and derated per Fig.2
3.For bidirectional types having VWM of 10 volts and less,the ID linit is doubled
4.All items and symbols are consistent with ANSI/IEEE C62.35
www.shunyegroup.com


同様の部品番号 - SMBJ110A

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SMBJ110A JGD-SMBJ110A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
SMBJ110A DIGITRON-SMBJ110A Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
Micro Commercial Compon...
SMBJ110A MCC-SMBJ110A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Galaxy Semi-Conductor H...
SMBJ110A BILIN-SMBJ110A Datasheet
837Kb / 7P
   Transient Voltage Suppressor
logo
Formosa MS
SMBJ110A FORMOSA-SMBJ110A Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
More results

同様の説明 - SMBJ110A

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com