データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ120A データシート(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

部品番号 SMAJ120A
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SY [Shanghai Shunye Electronics Co.,Ltd.]
ホームページ  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

SMAJ120A データシート(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SMAJ120A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SMAJ120A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SMAJ120A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. SMAJ120A Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMAJ5.0 THRU SMAJ170CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Stand-off Voltage: 5.0-170 Volts
Peak pulse power: 300 Watts
FEATURE
Dimensions in inches and (millimeters)
C
Peak pulse power dissipation with a 10/1000ms wavetorm(NOTE 1,2,5,FIG.1)
Peak forward surge current
(Note 4)
Peak pulse current with a 10/1000ms waveform(NOTE 1)
Steady state power dissapation (Note 3)
Maximum instantaneous forward voltage at 25A(Note 4)
Operating junction and storage temperature range
PPPM
IFSM
IPPM
PM(AV)
VF
TSTG,TJ
SYMBOLS
UNITS
VALUE
Minimum 300
40.0
See Table 1
1.0
3.5
-55 to + 150
Watts
Amps
Amps
Watts
Volts
Optimzed for LAN protection applications
Ideal for ESD protection of data lines in accordance
with IEC 1000-4-2(IEC801-2)
Ideal for EFT protection of data lines in accordance
with IEC1000-4-4(IEC801-2)
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Glass passivated junction
300w peak pulse power capability
Excellent clamping capability
Low incremental surge resistance
Fast response time:typically less than 1.0ps from 0v to
V(BR) min
High temperature soldering guaranteed:
250 C/10S at terminals
Case: JEDEC DO-214AC molded plastic body over
passivated chip
Terminals: Solder plated , solderable per MIL-STD 750,
method 2026
Polarity: Color band denotes cathode except for
bidirectional types
Mounting Position: Any
Weight: 0.003 ounce, 0.093 grams
0.004 ounce, 0.111 grams SMA(H)
MECHANICAL DATA
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use suffix C or CA for types SMAJ5.0 thru SMAJ170 (e.g. SMAJ5.0C,SMAJ170CA)
Electrical characteristics apply in both directions.
Notes: 1.Non-repetitive current pulse,per Fig.3 and derated above TA=25 C per Fig.2
2.Mounted on 5.0mm copper pads to each terminal
3.Lead temperature at TL=75 C per Fig.5
4.Measured on 8.3ms single half sine-wine.For uni-directional devices only.
5.Peak pulse power waveform is 10/1000ms
2
DO-214AC
0.087 (2.21)
0.070 (1.80)
0.177(4.50)
0.157(3.99)
0.110(2.80)
0.100(2.54)
0.060(1.52)
0.030(0.76)
0.222(5.66)
0.194(4.93)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
A
0.096(2.42)
0.078(1.98)
A:
SMA
0.122(3.12)
0.110(2.82)
SMA(H)
www.shunyegroup.com


同様の部品番号 - SMAJ120A

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SMAJ120A JGD-SMAJ120A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ120A SOCAY-SMAJ120A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ120A LITTELFUSE-SMAJ120A Datasheet
3Mb / 146P
   TVS Diode Products
logo
AiT Semiconductor Inc.
SMAJ120A AITSEMI-SMAJ120A Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
DIYI Electronic Technol...
SMAJ120A DYELEC-SMAJ120A Datasheet
530Kb / 5P
   Excellent clamping capability
More results

同様の説明 - SMAJ120A

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com