データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCUU98H471DP データシート(PDF) 9 Page - Token Electronics Industry Co., Ltd.

部品番号 TCUU98H471DP
部品情報  TCUU EMI Line Filters
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOKEN [Token Electronics Industry Co., Ltd.]
ホームページ  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUU98H471DP データシート(HTML) 9 Page - Token Electronics Industry Co., Ltd.

Back Button TCUU98H471DP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCUU98H471DP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCUU98H471DP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCUU98H471DP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCUU98H471DP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCUU98H471DP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCUU98H471DP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TCUU98H471DP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. TCUU98H471DP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
Measurements of Fixed Inductors
Maximum Allowable Current
The maximum allowable current is a DC Current which causes initialinductance to decrease by 10% or
30%. Or coil temperature to rise by 20°C or 40°C, whichever is smaller. (Reference ambient temperature:
20°C)
Solderability
After immersion of terminals in flux for 5 to 10 seconds, dip theterminals in the solder bath at 245±5°C for
2±0.5 seconds. Makecertain that more than 3/4 of the surface of the terminals are coatedwith new solder.
Dry Heat Test
The change in inductance, if any, is measured after exposure to 85±2°C in a test chamber for 500±12 hours
and for 1 to 2 hours at room temperature.
Shock Tests
The change in inductance, if any, is measured after the following tests.
● Free Fall Drop Test: A specimen coil is mounted on a test board and dropped freely 3 times
from a height of 1 meter.
● Impact Tester: A specimen inductor is mounted on a test board and dropped 3 times in three
directions with shock applied for 0.01 seconds at 981 m/s2. The change in inductance, if any,
is measured after the tests.
Vibration Test
The change in inductance, if any, is measured after the following condition:
● A specimen coil/inductor is mounted on a test board of vibration instrument.
● Overall amplitude: 1.5mm, frequency range: 10~55Hz, and swept in the (10~55~10)Hz order
per minute for 2 hrs in each of the 3 directions for total of 6 hrs.
Humidity Test
The change in inductance, if any, is measured after exposure in a test chamber to humidity of 90% to
95% R.H. at 60±2°C for 500±12 hours and 1 hour exposure at room temperature.
07 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


同様の部品番号 - TCUU98H471DP

メーカー部品番号データシート部品情報
logo
Token Electronics Indus...
TCUU98H-102 TOKEN-TCUU98H-102 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
TCUU98H-103 TOKEN-TCUU98H-103 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
TCUU98H-222 TOKEN-TCUU98H-222 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
TCUU98H-392 TOKEN-TCUU98H-392 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
TCUU98H-471 TOKEN-TCUU98H-471 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
More results

同様の説明 - TCUU98H471DP

メーカー部品番号データシート部品情報
logo
Token Electronics Indus...
TCUU98H-471 TOKEN-TCUU98H-471 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
logo
Coilcraft lnc.
DLF-8000L COILCRAFT-DLF-8000L Datasheet
167Kb / 1P
   Data Line EMI Filters
logo
Central Technologies
CTDLFF CT-CTDLFF Datasheet
97Kb / 1P
   Data Line EMI Filters
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
logo
Coilcraft lnc.
PDLF4000L COILCRAFT-PDLF4000L Datasheet
220Kb / 2P
   SMT Data Line EMI Filters
CCDLF COILCRAFT-CCDLF_13 Datasheet
228Kb / 2P
   SMT Data Line EMI Filters
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Coilcraft lnc.
TTDLF COILCRAFT-TTDLF_15 Datasheet
613Kb / 2P
   SMT Data Line EMI Filters
CQ7584-AL COILCRAFT-CQ7584-AL_16 Datasheet
221Kb / 4P
   SMT Data Line EMI Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com