データシートサーチシステム |
|
TCALUTB03071R0K データシート(PDF) 7 Page - Token Electronics Industry Co., Ltd. |
|
TCALUTB03071R0K データシート(HTML) 7 Page - Token Electronics Industry Co., Ltd. |
7 / 11 page How to Select a fixed inductor Perfectly, inductors should have zero resistance and capacitance. This is not practically possible, as the conducting copper wires, used for fixed inductors, have small internal resistance. Important criteria for the selection are: ● Inductance Range (H): The rated inductance range of the inductor. This is designated by ±10% of the inductance. ● Quality Factor (Q): The Q value of an inductor is a measure of the relative losses in an inductor. The Q is also known as the “quality factor” and is technically defined as the ratio of inductive reactance to effective resistance. ● Self-Resonant Frequency (SRF): The frequency at which the inductor’s distributed capacitance resonates with the inductance. It is at this frequency that the inductance is equal to the capacitance and they cancel each other. The inductor will act purely resistive with a high impedance at the SRF point. ● Permissible DC Current: Measured in Ohms, it is the maximum DC current that the inductor should be exposed to. TCAL Through Hole Fixed Inductors TOKEN 07 of 11 Version 2010 http://www.token.com.tw/ rfq token.com.tw |
同様の部品番号 - TCALUTB03071R0K |
|
同様の説明 - TCALUTB03071R0K |