データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBJ-LC7.0A データシート(PDF) 1 Page - EIC discrete Semiconductors

部品番号 SMBJ-LC7.0A
部品情報  SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMBJ-LC7.0A データシート(HTML) 1 Page - EIC discrete Semiconductors

  SMBJ-LC7.0A Datasheet HTML 1Page - EIC discrete Semiconductors SMBJ-LC7.0A Datasheet HTML 2Page - EIC discrete Semiconductors SMBJ-LC7.0A Datasheet HTML 3Page - EIC discrete Semiconductors SMBJ-LC7.0A Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMBJ-LC5.0 - 188A
SURFACE MOUNT LOW
CAPACITANCE TRANSIENT
VOLTAGE SUPPRESSOR
Stand-off Voltage :
5.0 to 188V
Peak Pulse Power :
600 W
FEATURES :
* 600W peak pulse power capability
with a 10/1000µs waveform
* Low junction capacitance
* Excellent clamping capability
* Very response Time
* Pb / RoHS Free
MECHANICAL DATA
* Case : SMB Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.108 gram
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000
μs waveform (1)(2)
W
Peak Pulse Current on 10/1000
μs waveform (1)
A
Typical Thermal resistance, Junction to ambient
°C/W
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Notes :
(1) Non-repetitive Current pulse and derated above Ta = 25
°C
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal.
Page 1 of 4
Rev. 00 : November 21, 2007
RӨJA
100
Minimum 600
See Table
IPPM
PPPM
0.22
± 0.07
2.0
± 0.1
2.3
± 0.2
3.6
± 0.15
SMB (DO-214AA)
1.1
± 0.3
Dimensions in millimeters
Certificate TH97/10561QM
Certificate TW00/17276EM


同様の部品番号 - SMBJ-LC7.0A

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
SMBJ-LC7.0A SUNMATE-SMBJ-LC7.0A Datasheet
295Kb / 4P
   Transient Voltage Suppressor
SMBJ-LC7.0A SUNMATE-SMBJ-LC7.0A Datasheet
748Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - SMBJ-LC7.0A

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMBJ-LC5.0A SUNMATE-SMBJ-LC5.0A Datasheet
748Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJLCE6.5A SUNMATE-SMCJLCE6.5A Datasheet
758Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
83Kb / 2P
   SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
   1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SLCB6.5A SUNMATE-SLCB6.5A Datasheet
548Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0BULC CENTRAL-CTLTVS5V0BULC Datasheet
808Kb / 6P
   SURFACE MOUNT SILICON BI-DIRECTIONAL LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
R4 19-June 2019
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com