データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA-1.5W-K データシート(PDF) 5 Page - Fujitsu Component Limited.

部品番号 BA-1.5W-K
部品情報  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [Fujitsu Component Limited.]
ホームページ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

BA-1.5W-K データシート(HTML) 5 Page - Fujitsu Component Limited.

  BA-1.5W-K Datasheet HTML 1Page - Fujitsu Component Limited. BA-1.5W-K Datasheet HTML 2Page - Fujitsu Component Limited. BA-1.5W-K Datasheet HTML 3Page - Fujitsu Component Limited. BA-1.5W-K Datasheet HTML 4Page - Fujitsu Component Limited. BA-1.5W-K Datasheet HTML 5Page - Fujitsu Component Limited. BA-1.5W-K Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
BA SERIES
s REFERENCE DATA
100
60
40
20
0
123
4
5
6
7
80
Distribution of Operate & Release Time
Time (ms)
BA-5W-K
n=200
Operate
Release


同様の部品番号 - BA-1.5W-K

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BA-10D1UD ETC-BA-10D1UD Datasheet
404Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
logo
BRIGHT LED ELECTRONICS ...
BA-10D1UD BRIGHT-BA-10D1UD Datasheet
159Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
logo
List of Unclassifed Man...
BA-10E1UD ETC-BA-10E1UD Datasheet
404Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
logo
BRIGHT LED ELECTRONICS ...
BA-10E1UD BRIGHT-BA-10E1UD Datasheet
201Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
logo
List of Unclassifed Man...
BA-10G1UD ETC-BA-10G1UD Datasheet
404Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
More results

同様の説明 - BA-1.5W-K

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com