データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA-6W-K データシート(PDF) 1 Page - Fujitsu Component Limited.

部品番号 BA-6W-K
部品情報  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [Fujitsu Component Limited.]
ホームページ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

BA-6W-K データシート(HTML) 1 Page - Fujitsu Component Limited.

  BA-6W-K Datasheet HTML 1Page - Fujitsu Component Limited. BA-6W-K Datasheet HTML 2Page - Fujitsu Component Limited. BA-6W-K Datasheet HTML 3Page - Fujitsu Component Limited. BA-6W-K Datasheet HTML 4Page - Fujitsu Component Limited. BA-6W-K Datasheet HTML 5Page - Fujitsu Component Limited. BA-6W-K Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
s FEATURES
q
Slim type relay for high density mounting
q
CSA recognized
q
Conforms to IEC60950, Bellcore specification and FCC
Part 68
—Clearance more than 2.0 mm between coil and contacts
—Creepage more than 2.5 mm between coil and contacts
—Dielectric strength 2,000 VAC between coil and contacts
—Surge strength 3,000 V between coil and contacts (at 2
×
10
µs surge wave)
q
High sensitivity and low consumption power
q
Latching type available
q
High reliability—bifurcated contacts
q
Plastic sealed type
q
Conforms to UL (under approval)
q
SMT is available: BAS
(a)
Series Name
BA : BA Series
(b)
Operation Function
Nil : Standard type
L : Latching type
(c)
Number of Coil
Nil : Single winding type
D : Double winding type
(d)
Nominal Voltage
Refer to the COIL DATA CHART
(e)
Contact
W : Bifurcated type
(g)
Enclosure
K : Plastic sealed type
s ORDERING INFORMATION
BA
L
D
12
W
K
[Example]
(a)
(b) (*) (c) (d)
(e) (g)
Note: Actual marking omits the hyphen (-) of (*)
s SAFETY STANDARD AND FILE NUMBERS
CSA CERTIFIED NRTL/C to C22.2 No. 14 No. 950 (File No. LR35579), UL 508, 1950 (File No. E45026)
Relay type
Nominal voltage
Contact rating
BA
0.5 A
125 VAC
BAL
1.5 to 48 VDC
2 A
30 VDC
resistive
BALD
0.3 A
110 VDC
1
BA SERIES
MINIATURE RELAY
2 POLES—1 to 2 A (FOR SIGNAL SWITCHING)


同様の部品番号 - BA-6W-K

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
BA-631X MOLEX4-BA-631X Datasheet
69Kb / 2P
   Step Down Butt Splice for 14-22 AWG Wire Blue w/Red Stripe
BA-631XT MOLEX4-BA-631XT Datasheet
69Kb / 3P
   Step Down Butt Splice for 16-14 AWG Wire Blue w/Red Stripe
More results

同様の説明 - BA-6W-K

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com