データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMMT455 データシート(PDF) 1 Page - Zetex Semiconductors

部品番号 FMMT455
部品情報  NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZETEX [Zetex Semiconductors]
ホームページ  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT455 データシート(HTML) 1 Page - Zetex Semiconductors

  FMMT455 Datasheet HTML 1Page - Zetex Semiconductors FMMT455 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 NPN SILICON PLANAR
HIGH PERFORMANCE TRANSISTOR
ISSUE 3 – FEBRUARY 1996
FEATURES
* 140 Volt VCEO
* 1 Amp continuous current
*Ptot= 500 mW
PARTMARKING DETAIL –
455
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
160
V
Collector-Emitter Voltage
VCEO
140
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
2A
Continuous Collector Current
IC
1A
Base Current
IB
200
mA
Power Dissipation at Tamb=25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
MIN. MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
160
V
IC=100µA
Collector-Emitter
Sustaining Voltage
VCEO(sus) 140
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Current ICBO
0.1
µ
A
VCB=140V
Emitter Cut-Off Current
IEBO
0.1
µ
A
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.7
V
IC=150mA, IB=15mA
Static Forward Current
Transfer Ratio
hFE
100
10 Typ
300
IC=150mA, VCE=10V*
IC=1A, VCE=10V*
Transition
Frequency
fT
100
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
15
pF
VCB=10V, f=1MHz
* Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for this device
FMMT455
SOT23
C
B
E
FMMT455
3 - 110
3 - 111
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
I+ -
Collector Current (Amps)
VBE(on) v IC
Single Pulse Test at Tamb=25°C
0.001
0.01
10
0.1
1
20
40
60
80
100
0.2
0.001
0.1
1
0.4
0.6
1.0
0
0.001
0.01
1
0.1
0.1
0.2
0.3
0.4
VCE=10V
IC/IB=10
IC/IB=10
Typical Switching Speeds
I+ -
Collector Current (Amps)
0.1
1
0.01
tf
100
0
td
nS
50
0.01
0.0001
0.001
1
0.01
0.1
0.6
0.8
1.0
1.2
VCE=10V
0.4
0.8
tf
ns
900
tr
ns
300
200
100
400
500
0
600
500
400
700
800
300
ts
µS
ts
td
tr
0
3
2
1
6
5
4
7
IB1=IB2=IC/10
VCE=10V
10
1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
110
0.1
0.1
100
0.01
1s
DC
100ms
10ms
100µs
1ms
1000
0.001


同様の部品番号 - FMMT455

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
FMMT455 KEXIN-FMMT455 Datasheet
35Kb / 1P
   High Performance Transistor
logo
Diodes Incorporated
FMMT455 DIODES-FMMT455 Datasheet
135Kb / 2P
   SOT23 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Fairchild Semiconductor
FMMT455 FAIRCHILD-FMMT455 Datasheet
135Kb / 2P
   SOT23 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FMMT455TA FAIRCHILD-FMMT455TA Datasheet
135Kb / 2P
   SOT23 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Diodes Incorporated
FMMT455 DIODES-FMMT455_15 Datasheet
135Kb / 2P
   SOT23 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
More results

同様の説明 - FMMT455

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
FZT649 ZETEX-FZT649 Datasheet
91Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
GTM CORPORATION
GM156 GTM-GM156 Datasheet
264Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Micro Commercial Compon...
FMMT491 MCC-FMMT491 Datasheet
241Kb / 3P
   NPN Silicon Planar High Performance Transistor
logo
Guangdong Kexin Industr...
FZT649 KEXIN-FZT649 Datasheet
38Kb / 2P
   NPN Silicon Planar High Performance Transistor
logo
Micro Commercial Compon...
FMMT618 MCC-FMMT618 Datasheet
442Kb / 4P
   NPN Silicon Planar High Performance Transistor
FMMT449 MCC-FMMT449 Datasheet
239Kb / 2P
   NPN Silicon Planar High Performance Transistor
logo
Zetex Semiconductors
FZT653 ZETEX-FZT653 Datasheet
96Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT655 ZETEX-FZT655 Datasheet
90Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT653 KEXIN-FZT653 Datasheet
38Kb / 2P
   NPN Silicon Planar High Performance Transistor
logo
GTM CORPORATION
GL156 GTM-GL156 Datasheet
292Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com