データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FTR-MY データシート(PDF) 4 Page - Fujitsu Component Limited.

部品番号 FTR-MY
部品情報  POWER RELAY 1 POLE - 5A SLIM POWER RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [Fujitsu Component Limited.]
ホームページ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-MY データシート(HTML) 4 Page - Fujitsu Component Limited.

  FTR-MY Datasheet HTML 1Page - Fujitsu Component Limited. FTR-MY Datasheet HTML 2Page - Fujitsu Component Limited. FTR-MY Datasheet HTML 3Page - Fujitsu Component Limited. FTR-MY Datasheet HTML 4Page - Fujitsu Component Limited. FTR-MY Datasheet HTML 5Page - Fujitsu Component Limited. FTR-MY Datasheet HTML 6Page - Fujitsu Component Limited. FTR-MY Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FTR-MY SERIES
0.1
0.2
0.3
0
0.5
1.0
1.5
2.0
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
20 40 60 80 100 120
10
9
8
7
6
5
4
3
2
1
0
0.4
0.5
100
90
80
70
60
50
40
30
20
10
0
0A
3A
5A
Must operate Voltage
(Hot Coil)
Operating Range
Ambient Temperature (˚C)
5A
3A
0A
Must operate Voltage
(Cool Coil)
Timing
Coil Power (W)
Operate
Release
Coil Temperature Rise
Coil Power (W)
10
5
2
3
1
0.2
0.1
0.5
0.3
10
20 30 50
100 200 300 500
AC resistive
DC resistive
Contact Voltage (V)
Maximum Switching Power
500
300
200
100
50
30
20
5
2
1
3
10
0.1 0.20.3 0.5
1
2 3 5
10
30VDC / 250VAC (resistive)
250 VDC cosφ 0.4
30 VDC τ=7 ms
Life Curves
Contact Current (A)
100
80
60
40
20
0
20
40
60
80
100
FTR-MYAA024D
n=300
Operate
Release
Nominal Voltage Multiplying Factor (%)
Distribution of Operate & Release Voltage
Time (ms)
100
80
60
40
20
0
2
4
6
8
10
FTR-MYAA024D
n=300
Operate
Release
Distribution of Operate & Release Time
Make
100
80
60
40
20
0
10
20
30
40
50
FTR-MYAA024D
n=300
Contact Resistance (mΩ)
Distribution of Contact Resistance
20
16
12
8
4
0
20
10
7
5
3
2
1
0.7
0.5
5
10
15
20
20
16
12
8
4
0
20
10
7
5
3
2
1
0.7
0.5
10
FTR-MYAA024D
n=8 Duty cycle:1sec.ON / 1sec.OFF
250VAC 3A (resistive)
Release
Operate
FTR-MYAA024D
n=20
20Hz (Duty 50%)
Release
Operate
20
16
12
8
4
0
20
10
7
5
3
2
1
0.7
0.5
10
Operation (x106)
Initial
Operation (x104)
Initial
Initial Operation (x104)
Operate
Release
FTR-MYAA024D
n=8 Duty cycle:1sec.ON / 1sec.OFF
30VDC 3A (resistive)
Electrical Life Test
Electrical Life Test
Electrical Life Test
n
REFERENCE DATA


同様の部品番号 - FTR-MY

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FTR-1319-3D FINISAR-FTR-1319-3D Datasheet
142Kb / 8P
   Long-Wavelength GBIC Transceiver
logo
Adam Technologies, Inc.
FTR-14-T ADAM-TECH-FTR-14-T Datasheet
121Kb / 1P
   IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
FTR-1519-V2 FINISAR-FTR-1519-V2 Datasheet
159Kb / 8P
   80km Extended GBIC Transceiver
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
More results

同様の説明 - FTR-MY

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
logo
Panasonic Semiconductor
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
   1a 5A slim power relay
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
   Slim (7.2mm .283inch), 1 Form A 5A power relay
logo
Panasonic Battery Group
PA PANASONICBATTERY-PA Datasheet
66Kb / 4P
   1a 5A slim power relay for interface
logo
Fujitsu Component Limit...
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com